Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART1500LCDT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART1500LCDT
Description  SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500LCDT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART1500LCDT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500LCDT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LCD display continuously reports operating mode and battery charge level, plus additional UPS and site power data, such as input & output voltage,
frequency, load percentage, load watts, battery voltage and estimated runtime in minutes
USB monitoring port enables optional unattended system shutdown using PowerAlert UPS management software available via free download from
www.tripplite.com
HID-compliant USB interface also enables automatic integration with built-in power management and auto shutdown features of Windows and Mac OSX
Built-in data line surge suppression offers protection for equipment with single-line dialup or network ethernet connection, plus one set of coax jacks for
CATV / broadcast line protection
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
900
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-10%, +6%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(10) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
5 UPS outlets, 5 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
20A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
10 minutes (450 watts)
2 / 5


Similar Part No. - SMART1500LCDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500LCDTXL TRIPPLITE-SMART1500LCDTXL Datasheet
179Kb / 5P
   Line-Interactive UPS 1440VA 1200W - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
More results

Similar Description - SMART1500LCDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCD TRIPPLITE-SMART1500LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
logo
Tumbler Technologies + ...
OMNI1500LCDT TRUMPOWER-OMNI1500LCDT Datasheet
545Kb / 5P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
   Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
   SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com