Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF5Y3315CM Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5Y3315CM
Description  POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5Y3315CM Datasheet(HTML) 1 Page - International Rectifier

  IRF5Y3315CM Datasheet HTML 1Page - International Rectifier IRF5Y3315CM Datasheet HTML 2Page - International Rectifier IRF5Y3315CM Datasheet HTML 3Page - International Rectifier IRF5Y3315CM Datasheet HTML 4Page - International Rectifier IRF5Y3315CM Datasheet HTML 5Page - International Rectifier IRF5Y3315CM Datasheet HTML 6Page - International Rectifier IRF5Y3315CM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
18*
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
12
IDM
Pulsed Drain Current ➀
72
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
94
mJ
IAR
Avalanche Current ➀
12
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10sec)
Weight
4.3 (Typical)
g
oC
A
6/22/01
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF5Y3315CM
150V
0.085
Ω 18A*
For footnotes refer to the last page
TO-257AA
HEXFET® POWER MOSFET
IRF5Y3315CM
THRU-HOLE (TO-257AA)
150V, N-CHANNEL
Fifth Generation HEXFET®
power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
* Current is limited by package
Features:
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Light Weight
PD - 94268


Similar Part No. - IRF5Y3315CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y3315CM IRF-IRF5Y3315CM Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5Y3315CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJ3315 IRF-IRF5NJ3315 Datasheet
115Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.08ohm, Id=20A)
IRF5Y540CM IRF-IRF5Y540CM Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5N3415 IRF-IRF5N3415 Datasheet
117Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF5Y1310CM IRF-IRF5Y1310CM Datasheet
107Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
IRF5Y3710CM IRF-IRF5Y3710CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com