Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-7893 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # MC-7893
Description  MC-7893_15
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7893 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7893_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7893_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet PG10560EJ01V0DS
3
MC-7893
PACKAGE DIMENSIONS
7-PIN SPECIAL WITH HEATSINK (UNIT: mm)
27.5 MAX.
38.1±0.25
45.08 MAX.
0.51±0.05
6-32UNC2B
123
789
5
19.05±0.38
2.54±0.38
0.51±0.05
4.25
+0.25
–0.35
±0.05
0.38.. A
2.5
6.3
2.54±0.25
25.4±0.25
A
φ
PIN CONNECTION
1
2378
IN
9
OUT
GND
VDD
5


Similar Part No. - MC-7893_15

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7893-AZ NEC-MC-7893-AZ Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7893-AZ CEL-MC-7893-AZ Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7893-AZ RENESAS-MC-7893-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
California Eastern Labs
MC-7893 CEL-MC-7893_06 Datasheet
282Kb / 7P
   1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
More results

Similar Description - MC-7893_15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3379 PHOENIX-3379 Datasheet
437Kb / 7P
   FL MC 2000T
logo
Littelfuse
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
   MicroCapacitance (MC) SIDACtor Device
logo
Weidmuller
1429060000 WEIDMULLER-1429060000 Datasheet
685Kb / 4P
   HDC MHP 100 MC
2748560000 WEIDMULLER-2748560000 Datasheet
262Kb / 3P
   HDC MEMC 2 MC
1428910000 WEIDMULLER-1428910000 Datasheet
732Kb / 4P
   HDC MHE 20 MC
1428950000 WEIDMULLER-1428950000 Datasheet
942Kb / 4P
   HDC MHX 4P MC
2748520000 WEIDMULLER-2748520000 Datasheet
426Kb / 3P
   HDC MGBIT 8 MC
2748480000 WEIDMULLER-2748480000 Datasheet
533Kb / 3P
   HDC MHD 17 MC
2748340000 WEIDMULLER-2748340000 Datasheet
489Kb / 3P
   HDC MHX 2 MC
2592250000 WEIDMULLER-2592250000 Datasheet
107Kb / 3P
   HDC MRJ45 8PLUG MC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com