Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20200F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBR20200F
Description  20 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBR20200F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBR20200F_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR20200F_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SBR20200F
Voltage 200 V
20 Amp Schottky Barrier Rectifiers
14-May-2012 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 2.24 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Working Peak Reverse Voltage
VRSM
200
V
Maximum DC Blocking Voltage
VDC
200
V
Per Leg
10
Maximum Average Forward Rectified Current
Per Device
IF
20
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
180
A
IF=10A, TA=25°C, per leg
0.92
Maximum Instantaneous Forward
Voltage
IF=10A, TA=125°C, per leg
VF
0.8
V
TA = 25°C
0.02
Maximum DC Reverse Current at Rated
DC Blocking Voltage
4
TA = 100°C
IR
5
mA
Typical Junction Capacitance
1
CJ
250
pF
Typical Thermal Resistance
2
RJc
8
°C / W
Typical Thermal Resistance
3
RJA
15
°C / W
Voltage Rate Of Chance (Rated VR)
dv / dt
10000
V / μs
Operating Temperature Range TJ
TJ
-50~150
°C
Storage Temperature Range TSTG
TSTG
-65~175
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Thermal Resistance Junction to Ambient.
4.
Pulse test: 300uS pulse width, 1% duty cycle.
PIN 1
PIN 3
PIN 2
CASE
ITO-220
A
M
J
K
L
L
G
F
B
N
D
E
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.60
15.60
H
3.00
3.80
B
9.50
10.50
J
0.90
1.50
C
12.60
13.70
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.2
M
2.40
2.90
F
2.40
2.80
N
 3.0
3.4
G
0.30
0.70


Similar Part No. - SBR20200F_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR20200F SECOS-SBR20200F_11 Datasheet
408Kb / 2P
   20 Amp Schottky Barrier Rectifiers
More results

Similar Description - SBR20200F_15

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR2080CT UNIOHM-SR2080CT Datasheet
69Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR2030 FCI-FBR2030 Datasheet
100Kb / 2P
   20 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR20200F SECOS-SBR20200F_11 Datasheet
408Kb / 2P
   20 Amp Schottky Barrier Rectifiers
logo
Microsemi Corporation
FST2135 MICROSEMI-FST2135 Datasheet
137Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR20100 SECOS-SBR20100 Datasheet
304Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SRS20100 SECOS-SRS20100_15 Datasheet
154Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SBR20100 SECOS-SBR20100_15 Datasheet
230Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SRS20100 SECOS-SRS20100 Datasheet
154Kb / 2P
   20 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200 Datasheet
425Kb / 2P
   20 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
FBR20200 FCI-FBR20200 Datasheet
268Kb / 2P
   20 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SPS20100 SECOS-SPS20100 Datasheet
157Kb / 2P
   20 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com