Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL30U100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBL30U100
Description  Low VF Trench Barrier Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBL30U100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBL30U100_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBL30U100_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SBL30U100
Voltage 100V 30.0 Amp
Low VF Trench Barrier Schottky Rectifier
06-Nov-2013 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.



A
M
P
J
K
L
L
G
F
B
N
D
E
O
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Trench
Barrier Schottky technology
Low forward voltage drop, low power losses.
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.98 g (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRSM
100
V
Maximum DC Blocking Voltage
VDC
100
V
(Per Leg)
15
Maximum Average Forward Rectified
Current
(Per Device)
IF
30
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
200
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / μs
Typical Thermal Resistance
RJC
2
°C /W
Operating and Storage Temperature Range
TJ,TSTG
-40~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.45
0.48
IF = 3A, TJ = 25°C
0.61
0.64
IF = 10A, TJ = 25°C
0.71
0.74
IF = 15 A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
0.66
-
V
IF = 15 A, TJ = 125°C
-
0.15
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
-
10
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
630
-
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Pulse Test:Pulse Width = 300 μs, Duty Cycle ≦ 2.0%.
TO-220
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.22
16.51
J
0.7
1.78
B
9.65
10.67
K
0.38
1.02
C
12.50
14.75
L
2.39
2.69
D
3.56
4.90
M
2.50
3.43
E
0.51
1.45
N
3.10
4.09
F
2.03
2.92
O
8.38
9.65
G
0.31
0.76
P
0.89
1.45
H
3.5
4.5


Similar Part No. - SBL30U100_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL30U100D SECOS-SBL30U100D Datasheet
265Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL30U100D-C SECOS-SBL30U100D-C Datasheet
265Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL30U100F SECOS-SBL30U100F Datasheet
164Kb / 2P
   Voltage 100V 30.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SBL30U100F SECOS-SBL30U100F_15 Datasheet
224Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
More results

Similar Description - SBL30U100_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL40U100F SECOS-SBL40U100F_15 Datasheet
161Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL10U100D1 SECOS-SBL10U100D1 Datasheet
138Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL30U200 SECOS-SBL30U200 Datasheet
207Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL30U200F SECOS-SBL30U200F Datasheet
226Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL20U150F SECOS-SBL20U150F Datasheet
252Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL20U100DS1 SECOS-SBL20U100DS1 Datasheet
241Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL30U80F SECOS-SBL30U80F_18 Datasheet
139Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL40U100 SECOS-SBL40U100 Datasheet
149Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL20U120 SECOS-SBL20U120_15 Datasheet
198Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SRL10100 SECOS-SRL10100 Datasheet
292Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
SBL30A100F SECOS-SBL30A100F Datasheet
232Kb / 2P
   Low VF Trench Barrier Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com