Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART700DV Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART700DV
Description  SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART700DV Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART700DV_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART700DV_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART700DV_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART700DV_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (Watts)
450
Power Factor
0.6
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-21%, +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(6) 5-15R
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
4.8A (120V), 2.6A (230V)
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P; C14 inlet
UPS Input Connection Description
Detachable 120v 5-15P input cable included
Input Circuit Breakers
6A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
22.2 min. (450w)
Half Load Runtime (min.)
54.5 min. (225w)
DC System Voltage (VDC)
24
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC54
Battery Access
Battery access door
2 / 4


Similar Part No. - SMART700DV_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700DV ETC2-SMART700DV Datasheet
514Kb / 6P
   SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
More results

Similar Description - SMART700DV_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART750XLA TRIPPLITE-SMART750XLA Datasheet
510Kb / 4P
   SmartPro 100-120V 750VA 500W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard,Tower, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART5000XFMRXL TRIPPLITE-SMART5000XFMRXL Datasheet
520Kb / 5P
   SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com