Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF5851 Datasheet(PDF) 11 Page - International Rectifier

Part # IRF5851
Description  Power MOSFET(Vdss = -20 V)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5851 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF5851 Datasheet HTML 6Page - International Rectifier IRF5851 Datasheet HTML 7Page - International Rectifier IRF5851 Datasheet HTML 8Page - International Rectifier IRF5851 Datasheet HTML 9Page - International Rectifier IRF5851 Datasheet HTML 10Page - International Rectifier IRF5851 Datasheet HTML 11Page - International Rectifier IRF5851 Datasheet HTML 12Page - International Rectifier IRF5851 Datasheet HTML 13Page - International Rectifier IRF5851 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IRF5851
www.irf.com
11
Fig 28. Typical On-Resistance Vs. Drain
Current
Fig 27. Typical On-Resistance Vs. Gate
Voltage
Fig 29b. Gate Charge Test Circuit
Fig 29a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
2.0
3.0
4.0
5.0
6.0
7.0
-VGS, Gate -to -Source Voltage (V)
0.08
0.12
0.16
0.20
0.24
ID = -2.2A
02
468
10
-ID , Drain Current (A)
0.10
0.20
0.30
0.40
VGS = -2.5V
VGS = -4.5V
P-Channel


Similar Part No. - IRF5851

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5851PBF IRF-IRF5851PBF Datasheet
181Kb / 14P
   HEXFET짰 Power MOSFET
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
   Dual N and P Channel MOSFET
logo
VBsemi Electronics Co.,...
IRF5851TRPBF VBSEMI-IRF5851TRPBF Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Similar Description - IRF5851

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7842 IRF-IRF7842 Datasheet
179Kb / 9P
   Power MOSFET(Vdss = 40 V)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7478 IRF-IRF7478 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=60V)
IRF7702 IRF-IRF7702 Datasheet
138Kb / 8P
   Power MOSFET(Vdss=-12V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com