Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1500RMXL2UTAA Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SM1500RMXL2UTAA
Description  TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM1500RMXL2UTAA Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SM1500RMXL2UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM1500RMXL2UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM1500RMXL2UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM1500RMXL2UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM1500RMXL2UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PHYSICAL
Included Mounting Accessory
Description
Adjustable mounting rail kit included
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND); 2-4 post front rail
rackmount (UPSHDEARKIT)
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
3.45 x 17.3 x 13.45
UPS Power Module Dimensions
(hwd, cm)
8.8 x 43.9 x 34.2
Rack Height (U Spaces)
2
UPS Power Module Weight (lbs.)
46.5
UPS Power Module Weight (kg)
21.1
UPS Shipping Dimensions (hwd / in.)
9 x 24 x 20.2
UPS Shipping Dimensions (hwd /
cm)
22.9 x 61 x 51.4
Shipping Weight (lbs.)
51.3
Shipping Weight (kg)
23.3
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
237
AC Mode Efficiency Rating (100%
Load)
95%
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
4 / 5


Similar Part No. - SM1500RMXL2UTAA

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
logo
Linkage Goston Electron...
SM1500COB LINKAGE-SM1500COB Datasheet
898Kb / 3P
   LED stroboscopIc chip
More results

Similar Description - SM1500RMXL2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
SMX1500XLRT2U TRIPPLITE-SMX1500XLRT2U Datasheet
507Kb / 5P
   SmartPro 230V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART1500RMXLN TRIPPLITE-SMART1500RMXLN Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack/Tower, LCD, USB, DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1500RM2U TRIPPLITE-SMART1500RM2U_15 Datasheet
507Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com