Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1000RM1UTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SM1000RM1UTAA
Description  TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM1000RM1UTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SM1000RM1UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM1000RM1UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA-Compliant SmartPro 120V 1kVA .8kW
Line-Interactive Sine Wave UPS, SNMP, Webcard,
1U Rack, USB, DB9 Serial
MODEL NUMBER: SM1000RM1UTAA
Description
Tripp Lite SM1000RM1UTAA 1000VA / 1kVA / 800 watt line interactive, sine wave UPS system offers complete
power protection for critical network applications in a highly efficient 1U total rack/tower configuration.
Simultaneous-use network management interfaces include USB, RS-232 and optional SNMP/Web accessory
card. Line interactive voltage regulation, network-grade surge suppression and long-lasting sine wave AC output
during blackouts make this UPS ideal for advanced networking applications in datacenters, computer rooms and
network closets.
Features
Federal Trade Agreements Act / TAA Compliant for GSA Schedule purchases
Tripp Lite SM1000RM1UTAA 1kVA / 1000VA / 800 watt line interactive UPS
1U rack/tower compatible form factor
Included mounting brackets support 2 and 4 post rackmount installation; Optional 4POSTRAILKIT1U is
available for additional support
NEMA 5-15P input; 6 5-15R output receptacles
Installed depth of only 16.75 in. / 42.5cm
Sine wave output in both AC and battery backup modes
Line Interactive UPS provides Automatic Voltage Regulation / AVR to maintain 120V nominal output during brownouts to 83V and overvoltages to 147V
without using battery power
Full load efficiency rating of 99% saves energy and ensures cool operating temperatures
Integrated 2 bank switched PDU enables remote outlet management for load shedding or remote reboot of individual devices
PowerAlert monitoring software offers detailed site power and UPS updates with support for safe auto-shutdown of connected systems as UPS batteries
become depleted
Includes Free PowerAlert monitoring software packages; PowerAlert LOCAL for desktops and small business networks, PowerAlert NSA (Network
Shutdown Agent) for larger networks and PowerAlert NMS (Network Management System) for monitoring up to 250 SNMP-enabled UPS, PDU and other
Highlights
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
1kVA / 1000VA / 800W line
interactive 1U rackmount UPS,
Sine Wave
120V output, Corrects brownouts
and overvoltages from 83V to
147V
0.8 Power Factor, Front panel
status LEDs
99% line-mode efficiency, 2
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA 5-15P input, 6
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
SM1000RM1UTAA UPS System
Mounting hardware
Cabling for USB & DB9
monitoring and EPO switching
PowerAlert unattended shutdown
and UPS/Power monitoring
software
Instruction manual
1 / 5


Similar Part No. - SM1000RM1UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

Similar Description - SM1000RM1UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com