Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD16326A Datasheet(PDF) 6 Page - NEC

Part No. UPD16326A
Description  32-BIT FLUORESCENT DISPLAY TUBE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD16326A Datasheet(HTML) 6 Page - NEC

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPD16326A
6
SWITCHING CHARACTERISTIC WAVEFORM (R/L = H)
VSS
VDD1
A/B
(Input)
VSS
VDD1
B/A
(Output)
VOL1
VOH1
STB
VSS
VDD1
BLK
VSS
VDD1
On
VOL2
VOH2
1/fmax.
PWCLK (L)
PWCLK (H)
50 %
50 %
50 %
50 %
50 %
tsetup
thold
tPHL1
50 %
tPLH 1
50 %
PWSTB
50 %
50 %
tCLK-STB
tSTB-CLK
PWBLK
50 %
tSTB-BLK
50 %
tPLH2
tTLH
10 %
90 %
10 %
90 %
tPHL2
tTHL
CLK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn