Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD16326A Datasheet(PDF) 5 Page - NEC

Part No. UPD16326A
Description  32-BIT FLUORESCENT DISPLAY TUBE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD16326A Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPD16326A
5
SWITCHING CHARACTERISTICS (TA = 25 ˚C, VDD1 = 5.0 V, VDD2 = 130 V, VSS = 0 V, logic CL =
15 pF, driver CL = 50 pF, driver RL = 220 k
Ω, tr = tf = 10 ns)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Transmission delay time
tPHL1
CLK
↓→ A/B
110
ns
tPLH1
110
ns
tPHL2
BLK
↓→ O1 to O32
300
ns
tPLH2
300
ns
Fall time
tTHL
O1 to O32
600
ns
Rise time
tTLH
O1 to O32
500
ns
Maximum clock frequency
fmax
With cascading, Duty = 50 %
8.0
MHz
Input capacitance
CI
15
pF
TIMING REQUIREMENTS (TA = – 40 to +85 ˚C, VDD1 = 4.5 to 5.5 V, VSS = 0 V, tr = tf = 10 ns)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock pulse width
PWCLK
40
ns
Strobe pulse width
PWSTB
80
ns
Blank pulse width
PWBLK
1 500
ns
Data setup time
tsetup
15
ns
Data hold time
thold
30
ns
Clock-strobe time
tCLK-STB
CLK
↓→ STB ↑
45
ns
Strobe-clock time
tSTB-CLK
STB
↓→ CLK ↓
45
ns
Strobe-blank time
tSTB-BLK
STB
↑→ BLK ↓
80
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn