Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPD16326A Datasheet(PDF) 4 Page - NEC

Part No. UPD16326A
Description  32-BIT FLUORESCENT DISPLAY TUBE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD16326A Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPD16326A
4
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C, VSS = 0 V)
Item
Symbol
Rating
Unit
Logic block supply voltage
VDD1
–0.5 to +7.0
V
Driver block supply voltage
VDD2
–0.5 to +150
V
Logic block input voltage
VI
–0.5 to VDD1 + 0.5
V
Driver block output current
IO
20
mA
Package allowable power dissipation
PD
800Note
mW
Operating ambient temperature
TA
–40 to +85
˚C
Storage temperature
Tstg
–65 to +150
˚C
Note When TA
≥ 25 °C, load should be alleviated at a rate of –8.0 mW/°C. (Tj = 125 °C (MAX.))
RECOMMENDED OPERATING RANGE (TA = –40 to +85 ˚C, VSS = 0 V)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Logic block supply voltage
VDD1
4.5
5.0
5.5
V
Driver block supply voltage
VDD2
30
130
V
Input voltage high
VIH
0.7·VDD1
VDD1
V
Input voltage low
VIL
0
0.2·VDD1
V
Driver output current
IOH
–10
mA
IOL
+2.5
mA
ELECTRICAL SPECIFICATIONS (TA = 25 ˚C, VDD1 = 4.5 to 5.5 V, VDD2 = 130 V, VSS = 0 V)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output voltage high
VOH1
Logic, IOH = –1.0 mA
0.9·VDD1
VDD1
V
Output voltage low
VOL1
Logic, IOL = 1.0 mA
0
0.1·VDD1
V
Output voltage high
VOH21
O1 to O40, IOH = –0.5 mA
126
V
VOH22
O1 to O40, IOH = –5.0 mA
120
V
Output voltage low
VOL2
O1 to O40, IOL = 0.5 mA
2.5
V
Input leakage current
IIL
VI = VDD1 or VSS1
±1.0
µA
Input voltage high
VIH
0.7·VDD1
VDD1
V
Input voltage low
VIL
0
0.2·VDD1
V
Static consumption current
IDD1
Logic, TA = –40 to +85 ˚C
1 000
µA
IDD1
Logic, TA = 25 ˚C
100
µA
IDD2
Driver, TA = –40 to +85 ˚C
1 000
µA
IDD2
Driver, TA = 25 ˚C
100
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn