Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7311 Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRF7311
Description  Ultra Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF7311 Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  IRF7311 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF7311 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
33 0. 0 0
( 12.992)
MA X .
14.40 ( .5 66 )
12.40 ( .4 88 )
NO T ES :
1. CO NT RO L L ING DIM E N S IO N : M IL L IM E T E R .
2. O U TL IN E C O N F O R M S T O E IA -481 & E IA - 541.
F E E D DIR E CT IO N
T E RM IN AL NUM BER 1
12.3 ( . 48 4 )
11.7 ( . 46 1 )
8.1 ( . 31 8 )
7.9 ( . 31 2 )
N O T ES:
1 . C O NT R O L L ING DIM E NS IO N : M IL L IM E T E R.
2 . AL L D IM E N S IO N S AR E SH O W N IN M IL L IM ET ER S( IN C H ES).
3 . O U T L IN E C O N F O R M S T O EIA-4 8 1 & EIA- 5 4 1 .
SO-8 Tape and Reel
IRF7311
www.kersemi.com
2014-8-8
7


Similar Part No. - IRF7311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7311 IRF-IRF7311 Datasheet
209Kb / 7P
   HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7311 UMW-IRF7311 Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
logo
International Rectifier
IRF7311PBF IRF-IRF7311PBF Datasheet
1Mb / 7P
   HEXFET짰Power MOSFET
IRF7311PBF IRF-IRF7311PBF Datasheet
1Mb / 7P
   GENERATION V TECHNOLOGY
IRF7311PBF IRF-IRF7311PBF_15 Datasheet
1Mb / 7P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7311

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com