Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9135 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9135
Description  1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9135 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9135 Datasheet HTML 2Page - Torex Semiconductor XC9135 Datasheet HTML 3Page - Torex Semiconductor XC9135 Datasheet HTML 4Page - Torex Semiconductor XC9135 Datasheet HTML 5Page - Torex Semiconductor XC9135 Datasheet HTML 6Page - Torex Semiconductor XC9135 Datasheet HTML 7Page - Torex Semiconductor XC9135 Datasheet HTML 8Page - Torex Semiconductor XC9135 Datasheet HTML 9Page - Torex Semiconductor XC9135 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6/35
XC9135/9136 Series
ELECTRICAL CHARACTERISTICS
XC9135A/XC9135C/XC9135B/XC9135K
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Input Voltage
VIN
5.5
V
Output Voltage
VOUT
VIN=VUVLO_R(E)+0.1V
RL is selected with VOUT(E), Refer to F1 Table
E1
V
Operation Start Voltage
RL=1kΩ, VMODE=0V
VUVLO_R
Operation Start Voltage
XC9135A/C
VUVLO_R
(*1)
Operation Start Voltage
XC9135B/K
VST1
VMODE=0V,
VOUT(E)≦3.3V,IOUT=100mA
VOUT(E)>3.3V,IOUT=50mA
0.9
*1)
V
Operation Hold Voltage
VHLD
RL=1kΩ, VMODE=0V
VUVLO_F
V
Supply Current
Iq
E2
μ
A
Input Pin Current
XC9135A/C
1.1
4.0
Input Pin Current
XC9135B/K
IBAT
VIN=VOUT(E)-0.2V, VEN=3.3V
1.5
6.0
μA
Stand-by Current
XC9135A
0.2
3.5
Stand-by Current
XC9135B
0.2
4.5
Stand-by Current
XC9135C/K
ISTB
VIN=VOUT(E)
1.0
6.0
μ
A
Lx Leakage Current
ILxL
VIN=VLx=VOUT(E)
0.1
2.0
μ
A
Oscillation Frequency
fOSC
VIN=Vpull=(VOUT(E)+VUVLO_R(E))/2
1.02
1.20
1.38
MHz
Maximum Duty Cycle
DMAX
VIN=Vpull=(VOUT(E)+VUVLO_R(E))/2
86.5
93.0
98.0
%
Minimum Duty Cycle
DMIN
VIN=VOUT(E)+0.5V,
RL is selected with VOUT(E), Refer to F1 Table
0
%
PFM Switching Current
IPFM
VMODE=0V,
RL is selected with VOUT(E), Refer to F1 Table
250
350
mA
Efficiency
(*2)
EFFI
IOUT=100mA,VMODE=0V,VFO:OPEN
93
%
Lx SW "Pch" ON Resistance
RLxP
IOUT=200mA
(*3)
0.20
0.35
*1)
Ω
Lx SW "Nch" ON Resistance
RLxN
(*4)
0.20
*1)
0.35
*1)
Ω
Maximum Current Limit
ILIM
E3
A
Integral Latch Time
tLAT
VIN=(VOUT(E))/2, time to stop Lx oscillation
from becoming FO=”H”
0.5
2.0
4.0
ms
VIN=Vpull=(VOUT(E)+VUVLO_R(E))/2, VOUT=VOUT(E)×0.95
Soft-Start Time
tSS
After VEN=0V→3.3V, time to FO=L
2.6
5.0
8.5
ms
Thermal Shut Temperature
TTSD
150
Hysteresis Width
THYS
20
CL Discharge Resistance
XC9135A/B
(*8)
RDCHG
VIN=VOUT=2.0V
(*5)
100
200
400
VEN=3.3V, VFO=0.5V,VOUT(E)<3.3V
(*6)
200
250
FO ON Resistance
RFO
VEN=3.3V, VFO=0.5V,VOUT(E)≧3.3V
(*6)
100
150
200
FO Leakage Current
IFO_LEAK
VFO=5.5V
0
1
μ
A
EN "H" Voltage
VENH
VIN=Vpull=(VOUT(E)+VUVLO_R(E))/2,
While VEN=0.20V→0.75V, Voltage to start oscillation
0.75
5.5
V
EN "L" Voltage
VENL
VIN=Vpull=(VOUT(E)+VUVLO_R(E))/2,
While VEN=0.75V→0.20V, Voltage to stop oscillation
AGND
0.2
V
Voltage for PWM Control
MODE "H" Voltage
VMODEH
RL is selected with VOUT(E), Refer to F1 Table
0.75
5.5
V
Voltage for PFM Control
MODE "L" Voltage
VMODEL
RL is selected with VOUT(E), Refer to F1 Table
AGND
0.2
V


Similar Part No. - XC9135

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9133B02AER TOREX-XC9133B02AER Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9133B02AMR TOREX-XC9133B02AMR Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9133B02AMR-G TOREX-XC9133B02AMR-G Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
More results

Similar Description - XC9135

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
   1.4A, Inductor Built-in Step-up DC/DC Converters
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com