Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF5800 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5800
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5800 Datasheet(HTML) 1 Page - International Rectifier

  IRF5800 Datasheet HTML 1Page - International Rectifier IRF5800 Datasheet HTML 2Page - International Rectifier IRF5800 Datasheet HTML 3Page - International Rectifier IRF5800 Datasheet HTML 4Page - International Rectifier IRF5800 Datasheet HTML 5Page - International Rectifier IRF5800 Datasheet HTML 6Page - International Rectifier IRF5800 Datasheet HTML 7Page - International Rectifier IRF5800 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-4.0
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-3.2
A
IDM
Pulsed Drain Current

-32
PD @TA = 25°C
Power Dissipation
2.0
PD @TA = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
EAS
Single Pulse Avalanche Energy
„
20.6
mJ
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
2/8/00
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRF5800
HEXFET® Power MOSFET
These P-channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the
extremely low on-resistance per silicon area. This benefit
provides the designer with an extremely efficient device for
use in battery and load management applications.
The
TSOP-6
package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on) 60%
less than a similar size SOT-23. This package is ideal for
applications where printed circuit board space is at a
premium. It's unique thermal design and RDS(on) reduction
enables a current-handling increase of nearly 300%
compared to the SOT-23.
VDSS = -30V
RDS(on) = 0.085Ω
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
T op V iew
1
2
D
G
A
D
D
D
S
3
4
5
6
PD - 93850
TSOP-6


Similar Part No. - IRF5800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800PBF IRF-IRF5800PBF Datasheet
112Kb / 8P
   HEXFET Power MOSFET
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
More results

Similar Description - IRF5800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com