Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE43A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # P4KE43A
Description  400W Axial Leaded Transient Voltage Suppressrs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P4KE43A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  P4KE43A Datasheet HTML 1Page - SUNMATE electronic Co., LTD P4KE43A Datasheet HTML 2Page - SUNMATE electronic Co., LTD P4KE43A Datasheet HTML 3Page - SUNMATE electronic Co., LTD P4KE43A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4KE440CA
P4KE400CA
P4KE350CA
P4KE300CA
P4KE250CA
P4KE220CA
P4KE200CA
P4KE180CA
P4KE170CA
P4KE160CA
P4KE150CA
P4KE130CA
P4KE120CA
P4KE110CA
P4KE100CA
P4KE91CA
P4KE82CA
P4KE75CA
P4KE68CA
P4KE62CA
3 of 4
Rating at = 25
° C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
( A)
(A)
(V)
(% /
° C)
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
P4KE62A
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
P4KE68A
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
P4KE75A
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105
P4KE82A
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
81.9
100
1.0
73.7
5.0
3.2
131
0.106
P4KE91A
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
90.0
110
1.0
81.0
5.0
2.9
144
0.106
P4KE100A
95.0
105
1.0
85.5
5.0
3.1
137
0.106
99.0
121
1.0
89.2
5.0
2.7
158
0.107
P4KE110A
105
116
1.0
94.0
5.0
2.8
152
0.107
108
132
1.0
97.2
5.0
2.4
173
0.107
P4KE120A
114
126
1.0
102
5.0
2.5
165
0.107
117
143
1.0
105
5.0
2.2
187
0.107
P4KE130A
124
137
1.0
111
5.0
2.3
179
0.107
135
165
1.0
121
5.0
2.0
215
0.108
P4KE150A
143
158
1.0
128
5.0
2.0
207
0.108
144
176
1.0
130
5.0
1.8
230
0.108
P4KE160A
152
168
1.0
136
5.0
1.9
219
0.108
153
187
1.0
138
5.0
1.7
244
0.108
P4KE170A
162
179
1.0
145
5.0
1.8
234
0.108
162
198
1.0
146
5.0
1.6
258
0.108
P4KE180A
171
189
1.0
154
5.0
1.7
246
0.108
180
220
1.0
162
5.0
1.5
287
0.108
P4KE200A
190
210
1.0
171
5.0
1.53
274
0.108
198
242
1.0
175
5.0
1.16
344
0.108
P4KE220A
209
231
1.0
185
5.0
1.22
328
0.108
225
275
1.0
202
5.0
1.11
360
0.110
P4KE250A
237
263
1.0
214
5.0
1.16
344
0.110
270
330
1.0
243
5.0
0.93
430
0.110
P4KE300A
285
315
1.0
256
5.0
0.97
414
0.110
315
385
1.0
284
5.0
0.79
504
0.110
P4KE350A
332
368
1.0
300
5.0
0.83
482
0.110
360
440
1.0
324
5.0
0.70
574
0.110
P4KE400A
380
420
1.0
342
5.0
0.73
548
0.110
396
484
1.0
356
5.0
0.95
631
0.110
P4KE440A
418
462
1.0
376
5.0
1.00
602
0.110
P4KE SERIES


Similar Part No. - P4KE43A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE43A SY-P4KE43A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE43A PANJIT-P4KE43A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE43A ZOWIE-P4KE43A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4KE43A YEASHIN-P4KE43A Datasheet
983Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE43A DIOTEC-P4KE43A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE43A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Littelfuse
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com