Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE22A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # P6KE22A
Description  600W Axial Lead Transient Voltage Suppessors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P6KE22A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  P6KE22A Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE22A Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE22A Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE22A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P6KE440CA
P6KE400CA
P6KE350CA
P6KE300CA
P6KE250CA
P6KE220CA
P6KE200CA
P6KE180CA
P6KE170CA
P6KE160CA
P6KE150CA
P6KE130CA
P6KE120CA
P6KE110CA
P6KE100CA
P6KE91CA
P6KE82CA
P6KE75CA
P6KE68CA
3 of 4
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
P6KE62A
58.9
65.1
1.0
53.0
5.0
7.1
85.0
0.104
61.2
74.8
1.0
55.1
5.0
6.1
98.0
0.104
P6KE68A
64.6
71.4
1.0
58.1
5.0
6.5
92.0
0.104
67.5
82.5
1.0
60.7
5.0
5.5
108
0.105
P6KE75A
71.3
78.8
1.0
64.1
5.0
5.8
103
0.105
73.8
90.2
1.0
66.4
5.0
5.1
118
0.105
P6KE82A
77.9
86.1
1.0
70.1
5.0
5.3
113
0.105
81.9
100
1.0
73.7
5.0
4.5
131
0.106
P6KE91A
86.5
95.5
1.0
77.8
5.0
4.8
125
0.106
90.0
110
1.0
81.0
5.0
4.2
144
0.106
P6KE100A
95.0
105
1.0
85.5
5.0
4.4
137
0.106
99.0
121
1.0
89.2
5.0
3.8
158
0.107
P6KE110A
105
116
1.0
94.0
5.0
4.0
152
0.107
108
132
1.0
97.2
5.0
3.5
173
0.107
P6KE120A
114
126
1.0
102
5.0
3.6
165
0.107
117
143
1.0
106
5.0
3.2
187
0.107
P6KE130A
124
137
1.0
111
5.0
3.3
179
0.107
135
165
1.0
121
5.0
2.8
215
0.108
P6KE150A
143
158
1.0
128
5.0
2.9
207
0.108
144
176
1.0
130
5.0
2.6
230
0.108
P6KE160A
152
168
1.0
136
5.0
2.7
219
0.108
153
187
1.0
138
5.0
2.5
244
0.108
P6KE170A
162
179
1.0
145
5.0
2.6
234
0.108
162
198
1.0
146
5.0
2.3
258
0.108
P6KE180A
171
189
1.0
154
5.0
2.4
246
0.108
180
220
1.0
162
5.0
2.1
287
0.108
P6KE200A
190
210
1.0
171
5.0
2.2
274
0.108
198
242
1.0
175
5.0
1.75
344
0.108
P6KE220A
209
231
1.0
185
5.0
1.83
328
0.108
225
275
1.0
202
5.0
1.67
360
0.110
P6KE250A
237
263
1.0
214
5.0
1.75
344
0.110
270
330
1.0
243
5.0
1.40
430
0.110
P6KE300A
285
315
1.0
256
5.0
1.45
414
0.110
315
385
1.0
284
5.0
1.20
504
0.110
P6KE350A
332
368
1.0
300
5.0
1.25
482
0.110
360
440
1.0
324
5.0
1.05
574
0.110
P6KE400A
380
420
1.0
342
5.0
1.10
548
0.110
396
484
1.0
356
5.0
0.95
631
0.110
P6KE440A
418
462
1.0
376
5.0
1.00
602
0.110
P6KE SERIES


Similar Part No. - P6KE22A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P6KE22A HY-P6KE22A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
P6KE22A DAESAN-P6KE22A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE22A ETC2-P6KE22A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
logo
Motorola, Inc
P6KE22A MOTOROLA-P6KE22A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE22A STMICROELECTRONICS-P6KE22A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
More results

Similar Description - P6KE22A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
logo
UN Semiconducctor INC
P6KE UNSEMI-P6KE Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
   Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
   Axial Lead Transient Voltage Suppressors
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SAC SOCAY-SAC Datasheet
241Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com