Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP90CA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 5KP90CA
Description  5000Watts Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

5KP90CA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  5KP90CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 5KP90CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 5KP90CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 5KP90CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5KP40CA
5KP36CA
5KP33CA
5KP30CA
5KP28CA
5KP26CA
5KP24CA
5KP22CA
5KP20CA
5KP18CA
5KP17CA
5KP16CA
5KP15CA
5KP14CA
5KP13CA
5KP12 CA
5KP11CA
5KP10CA
5KP9.0CA
5KP8.5CA
5KP8.0CA
5KP7.5CA
5KP7.0CA
5KP6.5CA
5KP6.0CA
5KP5.0CA
2 of 4
MIN
MAX
6.40
7.30
50
5.0
2000
521
9.6
0.057
5KP5.0A
6.40
7.00
50
5.0
2000
543
9.2
0.057
6.67
8.15
50
6.0
5000
439
11.4
0.061
5KP6.0A
6.67
7.37
50
6.0
5000
485
10.3
0.061
7.22
8.8
50
6.5
2000
407
12.3
0.065
5KP6.5A
7.22
7.98
50
6.5
2000
446
11.2
0.065
7.78
9.51
50
7.0
1000
376
13.3
0.068
5KP7.0A
7.78
8.60
50
7.0
1000
417
12.0
0.068
8.33
10.2
5.0
7.5
250
350
14.3
0.073
5KP7.5A
8.33
9.21
5.0
7.5
250
388
12.9
0.073
8.89
10.9
5.0
8.0
150
333
15.0
0.075
5KP8.0A
8.89
9.83
5.0
8.0
150
368
13.6
0.075
9.44
11.5
5.0
8.5
50.0
314
15.9
0.078
5KP8.5A
9.44
10.4
5.0
8.5
50.0
347
14.4
0.078
10.0
12.2
5.0
9.0
20.0
296
16.9
0.081
5KP9.0A
10.0
11.1
5.0
9.0
20.0
325
15.4
0.081
11.1
13.6
5.0
10.0
15.0
266
18.8
0.084
5KP10A
11.1
12.3
5.0
10.0
15.0
294
17.0
0.084
12.2
14.9
5.0
11.0
10.0
249
20.1
0.086
5KP11A
12.2
13.5
5.0
11.0
10.0
275
18.2
0.086
13.3
16.3
5.0
12.0
10.0
227
22.0
0.088
5KP12A
13.3
14.7
5.0
12.0
10.0
251
19.9
0.088
14.4
17.6
5.0
13.0
10.0
210
23.8
0.090
5KP13A
14.4
15.9
5.0
13.0
10.0
233
21.5
0.090
15.6
19.1
5.0
14.0
10.0
194
25.8
0.092
5KP14A
15.6
17.2
5.0
14.0
10.0
216
23.2
0.092
16.7
20.4
5.0
15.0
10.0
186
26.9
0.094
5KP15A
16.7
18.5
5.0
15.0
10.0
205
24.4
0.094
17.8
21.8
5.0
16.0
10.0
174
28.8
0.096
5KP16A
17.8
19.7
5.0
16.0
10.0
192
26.0
0.096
18.9
23.1
5.0
17.0
10.0
164
30.5
0.097
5KP17A
18.9
20.9
5.0
17.0
10.0
181
27.6
0.097
20.0
24.4
5.0
18.0
10.0
155
32.2
0.098
5KP18A
20.0
22.1
5.0
18.0
10.0
171
29.2
0.098
22.2
27.1
5.0
20.0
10.0
140
35.8
0.099
5KP20A
22.2
24.5
5.0
20.0
10.0
154
32.4
0.099
24.4
29.8
5.0
22.0
10.0
127
39.4
0.100
5KP22A
24.4
26.9
5.0
22.0
10.0
141
35.5
0.100
26.7
32.6
5.0
24.0
10.0
116
43.0
0.101
5KP24A
26.7
29.5
5.0
24.0
10.0
129
38.9
0.101
28.9
35.3
5.0
26.0
10.0
107
46.6
0.101
5KP26A
28.9
31.9
5.0
26.0
10.0
119
42.1
0.101
31.1
38.0
5.0
28.0
10.0
100
50.1
0.102
5KP28A
31.1
34.4
5.0
28.0
10.0
110
45.4
0.102
33.3
40.7
5.0
30.0
10.0
93.5
53.5
0.103
5KP30A
33.3
36.8
5.0
30.0
10.0
103
48.4
0.103
36.7
44.9
5.0
33.0
10.0
84.7
59.0
0.104
5KP33A
36.7
40.6
5.0
33.0
10.0
93.8
53.3
0.104
40.0
48.9
5.0
36.0
10.0
77.8
64.3
0.104
5KP36A
40.0
44.2
5.0
36.0
10.0
86.1
58.1
0.104
44.4
54.3
5.0
40.0
10.0
70.0
71.4
0.105
5KP40A
44.4
49.1
5.0
40.0
10.0
77.5
64.5
0.105
Maximum
Reverse
Leakge
at VWM ID
(µA)
Maximum
Pead Pulse
IPPM
(A)
Maximum
Clamping
Voltage at
IPPM
VC(V)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
Breakdown Voltage
V(BR)
(V)
Test
Current
at IT
(mA)
Stand-off
Voltage
VWM
(V)
Device Type
Document Number 0285004
2.
BLGALAXYELECTRICAL
ELECTRICAL CHARACTERISTICS
Rating at TL = 30 °C unless otherwise specified


Similar Part No. - 5KP90CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP90CA SURGE-5KP90CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP90CA LUGUANG-5KP90CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP90CA CHENG-YI-5KP90CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
5KP90CA SUNMATE-5KP90CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shenzhen Luguang Electr...
5KP90CA LUGUANG-5KP90CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP90CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com