Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTZ5.6B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # PTZ5.6B
Description  1.0 Watts Surface Mount Silicon Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

PTZ5.6B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  PTZ5.6B Datasheet HTML 1Page - SUNMATE electronic Co., LTD PTZ5.6B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 Watts Surface Mount Silicon Zener Diodes
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
·
·
·
·
·
·
·
·
·
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
1of2
Pb / RoHS Free
Low leakage current
High reliability
High peak reverse power dissipation
Weight : 0.060 gram (Approximately)
Mounting position : Any
Polarity : Color band denotes cathode end
Epoxy : UL94V-O rate flame retardant
Case : SMA Molded plastic
Symbol
Value
Unit
Power Dissipation
Junction Temperature
Storage Temperature Range
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, Ta (ºC)
Rating
PD
TJ
TSTG
W
ºC
ºC
1.0
150
- 55 to + 150
0.2
0.4
0.6
0.8
1.0
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
1.2
PTZ3.6B - PTZ36B


Similar Part No. - PTZ5.6B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ5.6B ROHM-PTZ5.6B Datasheet
2Mb / 10P
   Zener Diode
PTZ5.6B ROHM-PTZ5.6B Datasheet
154Kb / 5P
   Zener diode
PTZ5.6B ROHM-PTZ5.6B Datasheet
227Kb / 5P
   Zener diode
PTZ5.6B ROHM-PTZ5.6B Datasheet
176Kb / 5P
   Zener diode
PTZ5.6B ROHM-PTZ5.6B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - PTZ5.6B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA4762R2 TSC-1SMA4762R2 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4737 TSC-1SMA4737_11 Datasheet
139Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4737 TSC-1SMA4737_13 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com