Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP10A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 5KP10A
Description  5000Watts Axial Leaded Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

5KP10A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  5KP10A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 5KP10A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 5KP10A Datasheet HTML 3Page - SUNMATE electronic Co., LTD 5KP10A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5KP180CA
5KP170CA
5KP160CA
5KP150CA
5KP130CA
5KP120CA
5KP110CA
5KP100CA
5KP90CA
5KP85CA
5KP78CA
5KP75CA
5KP70CA
5KP64C
5KP60CA
5KP58CA
5KP54CA
5KP51CA
5KP48CA
5KP45CA
5KP43CA
3 of 4
MIN
MAX
47.8
58.4
5.0
43.0
10.0
65.2
76.7
0.105
5KP43A
47.8
52.8
5.0
43.0
10.0
72.0
69.4
0.105
50.0
61.1
5.0
45.0
10.0
62.3
80.3
0.106
5KP45A
50.0
55.3
5.0
45.0
10.0
68.8
72.7
0.106
53.3
65.2
5.0
48.0
10.0
58.5
85.5
0.106
5KP48A
53.3
58.9
5.0
48.0
10.0
64.6
77.4
0.106
56.1
69.3
5.0
51.0
10.0
54.9
91.1
0.107
5KP51A
56.7
62.7
5.0
51.0
10.0
60.7
82.4
0.107
60.0
73.3
5.0
54.0
10.0
51.9
96.3
0.107
5KP54A
60.0
66.3
5.0
54.0
10.0
57.4
87.1
0.107
64.4
78.7
5.0
58.0
10.0
48.5
103
0.107
5KP58A
64.4
71.2
5.0
58.0
10.0
53.4
94
0.107
66.7
81.5
5.0
60.0
10.0
46.7
107
0.108
5KP60A
66.7
73.7
5.0
60.0
10.0
51.7
97
0.108
71.1
96.9
5.0
64.0
10.0
43.9
114
0.108
5KP64A
71.1
78.6
5.0
64.0
10.0
48.5
103
0.108
77.6
95.1
5.0
70.0
10.0
40.0
125
0.108
5KP70A
77.6
86.0
5.0
70.0
10.0
44.2
113
0.108
83.3
102
5.0
75.0
10.0
37.3
134
0.108
5KP75A
83.3
92.1
5.0
75.0
10.0
41.3
121
0.108
86.7
106.0
5.0
78.0
10.0
36.0
139
0.108
5KP78A
86.7
95.8
5.0
78.0
10.0
39.7
126
0.108
94.4
115
5.0
85.0
10.0
33.1
151
0.108
5KP85A
94.4
104
5.0
85.0
10.0
36.5
137
0.108
100
122
5.0
90.0
10.0
31.3
160
0.110
5KP90A
100
111
5.0
90.0
10.0
34.2
146
0.110
111
136
5.0
100
10.0
27.9
179
0.110
5KP100A
111
123
5.0
100
10.0
30.9
162
0.110
122
149
5.0
110
10.0
25.5
196
0.112
5KP110A
122
135
5.0
110
10.0
28.2
177
0.112
133
161
5.0
120
10.0
23.6
212
0.112
5KP120A
133
147
5.0
120
10.0
26.0
193
0.112
144
174
5.0
130
10.0
21.7
231
0.114
5KP130A
144
159
5.0
130
10.0
24.0
209
0.114
167
203
5.0
150
10.0
18.6
269
0.114
5KP150A
167
185
5.0
150
10.0
20.6
243
0.114
178
216
5.0
160
10.0
17.5
285
0.118
5KP160A
178
197
5.0
160
10.0
19.3
259
0.118
189
229
5.0
170
10.0
16.5
303
0.118
5KP170A
189
209
5.0
170
10.0
18.2
275
0.118
200
242
5.0
180
10.0
16.1
319
0.122
5KP180A
200
221
5.0
180
10.0
17.6
292
0.122
Stand-off
Voltage
VWM
(V)
Maximum
Reverse
Leakge
at VWM ID
(µA)
Maximum
Pead Pulse
IPPM
(A)
Maximum
Clamping
Voltage at
IPPM
VC(V)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
Device Type
Breakdown Voltage
V(BR)
(V)
Test
Current
at IT
(mA)
Document Number 0285004
3.
BLGALAXYELECTRICAL
ELECTRICAL CHARACTERISTICS
Rating at TL = 30 °C unless otherwise specified


Similar Part No. - 5KP10A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
5KP10A MERITEK-5KP10A Datasheet
253Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
5KP10A SURGE-5KP10A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Microdiode Electronics ...
5KP10A CHENDA-5KP10A Datasheet
838Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP10A LUGUANG-5KP10A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP10A WTE-5KP10A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP10A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com