Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW50-39 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BZW50-39
Description  5000 Watts Axial Leaded Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW50-39 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZW50-39 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW50-39 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW50-39 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case : R-6 Molded plastic
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
·
·
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25
°C, Tp=1ms (Note1)
PPK
Minimum 3000
W
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on Copper Leaf area of 1.57 in
2 (40mm2).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
PD
5.0
W
C
R-6
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
5000W (10/1000µs) Peak Pulse Power
Excellent clamping capability
Low incremental surge resistance
Fast response time : typically less
hen 1.0 ps from 0 volt to VBR(min.)
Pb / RoHS Free
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
Polarity : Color band denotes cathode end
Mounting position : Any
Weight :
2.1 grams
BZW50 SERIES
5000 Watts Axial Leaded Transient Voltage Suppressor


Similar Part No. - BZW50-39

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW50-39 STMICROELECTRONICS-BZW50-39 Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-39 EIC-BZW50-39 Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-39 STMICROELECTRONICS-BZW50-39 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-39 STMICROELECTRONICS-BZW50-39 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-39 NJSEMI-BZW50-39 Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW50-39

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
5KP5.0A YFWDIODE-5KP5.0A_V01 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
logo
Littelfuse
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com