Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20KPA32CA Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # 20KPA32CA
Description  20000 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

20KPA32CA Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  20KPA32CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 20KPA32CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 20KPA32CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 20KPA32CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4of4
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
10000
0.1
10
1
100
1000
1,000
10,000
td PULSE WIDTH 1 µsec
FIG. 1 PEAK PULSE POWER RATING
1
10
100
Non-repetitive pulse
waveform shown in
Fig. 3TA = 25ºC
100,000
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0


Similar Part No. - 20KPA32CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA32CA TAITRON-20KPA32CA Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
Socay Electornics Co., ...
20KPA32CA SOCAY-20KPA32CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
MDE Semiconductor, Inc.
20KPA32CA MDE-20KPA32CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA32CA LITTELFUSE-20KPA32CA Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
20KPA32CA LUGUANG-20KPA32CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 20KPA32CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com