Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE15CA Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 1.5KE15CA
Description  1500Watt Axial Lead Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1.5KE15CA Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  1.5KE15CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1.5KE15CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1.5KE15CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1.5KE15CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.5KE62CA
1.5KE68A
3 of 4
1.5KE440CA
1.5KE400CA
1.5KE350CA
1.5KE300CA
1.5KE250CA
1.5KE220CA
1.5KE200CA
1.5KE180CA
1.5KE170CA
1.5KE160CA
1.5KE150CA
1.5KE130CA
1.5KE120CA
1.5KE110CA
1.5KE100CA
1.5KE91CA
1.5KE82CA
1.5KE75CA
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
TYPE
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
Unidirectional
VBR (V)
It
VRWM
IR
IRSM
VRSM
of V BR
Axial Lead
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% /
°C)
1.5KE62A
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1.5KE75A
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1.5KE82A
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1.5KE91A
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1.5KE100A
95.0
105
1.0
85.5
5.0
11.0
137
0.106
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1.5KE110A
105
116
1.0
94.0
5.0
9.9
152
0.107
108
132
1.0
97.2
5.0
8.7
173
0.107
1.5KE120A
114
126
1.0
102
5.0
9.1
165
0.107
117
143
1.0
105
5.0
8.0
187
0.107
1.5KE130A
124
137
1.0
111
5.0
8.4
179
0.107
135
165
1.0
121
5.0
7.0
215
0.108
1.5KE150A
143
158
1.0
128
5.0
7.2
207
0.108
144
176
1.0
130
5.0
6.5
230
0.108
1.5KE160A
152
168
1.0
136
5.0
6.8
219
0.108
153
187
1.0
138
5.0
6.2
244
0.108
1.5KE170A
162
179
1.0
145
5.0
6.4
234
0.108
162
198
1.0
146
5.0
5.8
258
0.108
1.5KE180A
171
189
1.0
154
5.0
6.1
246
0.108
180
220
1.0
162
5.0
5.2
287
0.108
1.5KE200A
190
210
1.0
171
5.0
5.5
274
0.108
198
242
1.0
175
5.0
4.3
344
0.108
1.5KE220A
209
231
1.0
185
5.0
4.6
328
0.108
225
275
1.0
202
5.0
5.0
360
0.110
1.5KE250A
237
263
1.0
214
5.0
5.0
344
0.110
270
330
1.0
243
5.0
5.0
430
0.110
1.5KE300A
285
315
1.0
256
5.0
5.0
414
0.110
315
385
1.0
284
5.0
4.0
504
0.110
1.5KE350A
332
368
1.0
300
5.0
4.0
482
0.110
360
440
1.0
324
5.0
4.0
574
0.110
1.5KE400A
380
420
1.0
342
5.0
4.0
548
0.110
396
484
1.0
356
5.0
2.38
631
0.110
1.5KE440A
418
462
1.0
376
5.0
2.50
602
0.110
1.5KE SERIES


Similar Part No. - 1.5KE15CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
1.5KE15CA LUGUANG-1.5KE15CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
ON Semiconductor
1.5KE15CA ONSEMI-1.5KE15CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
SiPower Inc.
1.5KE15CA SIPOWER-1.5KE15CA Datasheet
1Mb / 5P
   Transient Voltage Suppressor
logo
DB Lectro Inc
1.5KE15CA DBLECTRO-1.5KE15CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
UN Semiconducctor INC
1.5KE15CA UNSEMI-1.5KE15CA Datasheet
3Mb / 7P
   6.8 To 600V 1500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - 1.5KE15CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
   Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
   Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
   Axial Lead Transient Voltage Suppressors
3KP ANOVA-3KP Datasheet
393Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP LUGUANG-5KP Datasheet
929Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com