Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDU3VN10L152TAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. PDU3VN10L152TAA
Description  TAA-Compliant 5.7kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), L15-20P, 10ft Cord,0U Vertical
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

PDU3VN10L152TAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2, Telnet, SSH, FTP, DHCP, BOOTP, NTP protocols
Fully compatible with FREE PowerAlert Network Management System / NMS Software
Included cord retention brackets keep vital network equipment plugged in and continuously powered
Toolless mounting supported in button-mount compatible racks, plus nut-and-bolt mounting brackets for other mounting applications (set of 2 9mm
buttons pre-installed, 2 9mm and 4 6mm spare buttons included)
Specifications
OVERVIEW
Style
Vertical rackmount
PDU Type
Monitored
OUTPUT
Output Capacity Details
5.7kVA total; 9.2A per bank (balanced)
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(30) C13; (6) C19
Output Nominal Voltage
208V single phase
Outlet Type
IEC-C13, IEC-C19
INPUT
PDU Input Voltage
208
Maximum Input Amps
16
PDU Plug Type
NEMA L15-20P
Input Cord Length (ft.)
10
Input Cord Length (m)
3
Input Phase
3-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
2 digit current meter display reports output amps per phase and IP address
Switches
Pushbutton switches enable local display of each phase separately, display rotate and display IP address functions
PHYSICAL
Shipping Dimensions (hwd / in.)
6.6 x 9.3 x 75.5
Shipping Dimensions (hwd / cm)
16.8 x 23.6 x 191.8
Shipping Weight (lbs.)
18.4
Shipping Weight (kg)
8.4
Unit Dimensions (hwd / in.)
70 x 2.19 x 1.76
2 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn