Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDU3VN10L152TAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. PDU3VN10L152TAA
Description  TAA-Compliant 5.7kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), L15-20P, 10ft Cord,0U Vertical
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

PDU3VN10L152TAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAA-Compliant 5.7kW 3-Phase Monitored PDU,
208V Outlets (30-C13 & 6-C19), L15-20P, 10ft Cord,
0U Vertical
MODEL NUMBER: PDU3VN10L152TAA
Description
Tripp Lite 3 phase Monitored PDU / Power Distribution Unit offers real-time remote monitoring of voltage,
frequency and load levels via secure web, SNMP or Telnet interface. PowerAlert interface supports custom
notification of user-specified remote conditions via email, secure web, SNMP, Telnet or SSH interface. PDU
output current consumption in amps is displayed per-phase via front panel lighted digital display and can be
monitored remotely to warn of potential overloads before critical IT mains breakers trip.
Features
Federal Trade Agreements Act / TAA compliant for GSA schedule purchases
5.7kW 3 phase 208V Monitored Power Distribution Unit / PDU with built-in web/network interface
NEMA L15-20P 20A (3P+E) 208V 3 phase input plug with 10 ft. / 3m cord
0U, 70 in. / 178cm vertical form factor supports installation in 2 or 4 post equipment racks
36 total 208V outlets (30 C13, 6 C19) arranged in three breakered single phase output load banks
Lighted display with scroll-button reports power consumption in amps for all 3 loading banks, IP-address
self-identification and 180 degree display rotation for overhead or raised floor power feeds
Built-in SNMP/ethernet interface reports voltage, frequency and PDU loading per-phase via network or secure web browser interface with options for user
specified alarm and notification thresholds
Supports in-rack environmental reporting with optional ENVIROSENSE temperature / humidity sensor and rack access notification with up to 4 optional
SRSWITCH door sensors
DHCP/Manual configuration support
10/100 Mbps auto-sensing allows optimal communication with 10/100 Base-T networks
Real-time clock backup maintains the time of day and date even if the PDU is unpowered
Tiered access privileges allow an administrator and a guest to login via web browser for monitoring
Alert notifications via email or SNMP traps offer immediate event notification
Firmware upgrade ability supports future product enhancements
Highlights
Federal Trade Agreements Act /
TAA compliant for GSA schedule
purchases
Monitored 5.7kW 3 Phase 208V
PDU; 70 in. / 178cm 0U vertical
rackmount
Reports voltage, frequency and
load per-phase via built in
ethernet interface
Visual current meter; Toolless
button-mount installation
NEMA L15-20P 20A (3P+E) 3
phase input; 10 ft. / 3m line cord
30 C13 & 6 C19 single phase
outlets; Included cord retention
brackets
Temperature, humidity and
contact closure monitoring options
Applications
Ideal for 3 phase network
configurations in datacenters and
heavily configured equipment racks
Package Includes
TAA Version of Tripp Lite
PDU3VN10L1520
Cord retention brackets
Spare installation buttons (2
9mm / 4 6mm)
Rack mounting brackets
Owner's manual
1 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn