Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856096-EVB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856096-EVB
Description  1090 MHz Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856096-EVB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856096-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856096-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856096-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856096-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856096-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856096-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
856096
1090 MHz Filter
Data Sheet: Rev. C 14-06-16
- 3 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Evaluation Board
960708
C1
C2
3,4,7,8
2
5
6
50
1
1.8 pF
1.8 pF
50
Notes:
3-layers board - top, middle & bottom layer: 1 oz copper
Substrates: .031” thick FR4 dielectric.
Finish plating: Nickel: 3-8
 µm thick, Gold: .03-.2 µm thick
Hole plating: Copper min .0008
 µm thick
PCB Mounting Pattern
4.01
.81
.46
1.19
.81
1.19
1.70
.41
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. This drawing specifies the mounting pattern used on the TriQuint evaluation
board for this product. Some modification may be necessary to suit end
user assembly materials and processes.
Bill of Material
Reference Des.
Value
Description
Manuf.
Part Number
C1
1.8
 pF
Ceramic chip, 0402,
± 0.25 pF
Murata
GRM1555C1H1R8GZ01
C2
1.8
 pF
Ceramic chip, 0402, ± 0.25
 pF
Murata
GRM1555C1H1R8GZ01
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
Multiple
960708


Similar Part No. - 856096-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
More results

Similar Description - 856096-EVB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
   SAW Filter 1090 MHz
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
   SAW Filter 1090 MHz
logo
TriQuint Semiconductor
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
   1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
   SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
   SAW Filter 1090 MHz
logo
Qorvo, Inc
880374 QORVO-880374 Datasheet
379Kb / 7P
   1090 MHz IFF BAW Filter
logo
TriQuint Semiconductor
880374 TRIQUINT-880374_15 Datasheet
150Kb / 6P
   1090 MHz IFF BAW Filter
logo
API Technologies Corp
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
   1090 MHz SAW Filter 12 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com