Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856096 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856096
Description  1090 MHz Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856096 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856096_15 Datasheet HTML 1Page - TriQuint Semiconductor 856096_15 Datasheet HTML 2Page - TriQuint Semiconductor 856096_15 Datasheet HTML 3Page - TriQuint Semiconductor 856096_15 Datasheet HTML 4Page - TriQuint Semiconductor 856096_15 Datasheet HTML 5Page - TriQuint Semiconductor 856096_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
856096
1090 MHz Filter
Data Sheet: Rev. C 14-06-16
- 5 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Mechanical Information
1.27 NOM.
1.45 MAX.
0.61
1.00
0.60
1.27
3.80
3.80
1.50
Date code
F
JJJYM
ID dot
Sawtek
logo
code
Marking
Package Style: SMP-15
Dimensions: 3.8 x 3.8 x 1.27 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 -
1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and
width ±0.10mm
The date code consists of: day of the current year
(Julian,
3 digits), Y = last digit of the year, and M =
manufacturing site code
Notes:
1.
All dimensions shown are typical in millimeters
2.
An asterisk (*) in front of the marking code
indicates prototype.
Tape and Reel information
Standard T/R size = 4000 units
 / reel. All dimensions are in millimeters
2.0
1.8
Ø1.5
0.3
8.0
4.0
4.1
4.1
Ø330
12.8
2.7
1.75
5.5
12.0
Ø1.5
A
A
Section A-A
2.0
Ø13.0
Ø20.2
Ø102
logo
Sawtek
ID dot
Direction of travel


Similar Part No. - 856096_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
More results

Similar Description - 856096_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
   SAW Filter 1090 MHz
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
   SAW Filter 1090 MHz
logo
TriQuint Semiconductor
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
857179 TRIQUINT-857179_15 Datasheet
889Kb / 6P
   1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
   SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
   SAW Filter 1090 MHz
logo
Qorvo, Inc
880374 QORVO-880374 Datasheet
379Kb / 7P
   1090 MHz IFF BAW Filter
logo
TriQuint Semiconductor
880374 TRIQUINT-880374_15 Datasheet
150Kb / 6P
   1090 MHz IFF BAW Filter
logo
API Technologies Corp
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
   1090 MHz SAW Filter 12 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com