Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9015 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S9015
Description  Low Frequency, Low Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9015 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S9015_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9015_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
S9015
PNP Silicon
Low Frequency, Low Noise Amplifier
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gian Bandwidth Product
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-0
-10
-20
-30
-40
-50
I
B = -400µA
I
B = -350µA
I
B = -300µA
I
B = -250µA
I
B = -200µA
I
B = -150µA
I
B = -100µA
I
B = -50µA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
-10
-100
-1000
VCE = -5V
IC [mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-10
-100
-1000
I
C = 20 IB
V
BE (sat)
V
CE (sat)
I
C [mA], COLLECTOR CURRENT
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = -5V
VBE [V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
f = 1 MHz
I
E = 0
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
10
100
1000
VCE = -6V
IC [mA], COLLECTOR CURRENT
01-Jun-2004 Rev. B
Page 2 of 2


Similar Part No. - S9015_15

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S9015 BILIN-S9015_14 Datasheet
158Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - S9015_15

ManufacturerPart #DatasheetDescription
logo
Usha India Ltd.
2SC900 USHA-2SC900 Datasheet
112Kb / 3P
   LOW FREQUENCY, LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
SS9015 FAIRCHILD-SS9015 Datasheet
65Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
List of Unclassifed Man...
2SC1335 ETC-2SC1335 Datasheet
78Kb / 2P
   LOW FREQUENCY LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
KSC900 FAIRCHILD-KSC900 Datasheet
42Kb / 4P
   Low Frequency & Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9015 SECOS-S9015 Datasheet
234Kb / 2P
   Low Frequency, Low Noise Amplifier
logo
Fairchild Semiconductor
SS9015CTA FAIRCHILD-SS9015CTA Datasheet
72Kb / 4P
   Low Frequency, Low Noise Amplifier
KSC900LTA FAIRCHILD-KSC900LTA Datasheet
45Kb / 4P
   Low Frequency & Low Noise Amplifier
SS9015CBU FAIRCHILD-SS9015CBU Datasheet
72Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
List of Unclassifed Man...
2SA9015 ETC-2SA9015 Datasheet
86Kb / 2P
   LOW FREQUENCY LOW NOISE AMPLIFIER
2SC1222 ETC-2SC1222 Datasheet
106Kb / 3P
   Transistors LOW FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com