Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF3711 Datasheet(PDF) 6 Page - International Rectifier

Part No. IRF3711
Description  Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A⑥)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF3711 Datasheet HTML 2Page - International Rectifier IRF3711 Datasheet HTML 3Page - International Rectifier IRF3711 Datasheet HTML 4Page - International Rectifier IRF3711 Datasheet HTML 5Page - International Rectifier IRF3711 Datasheet HTML 6Page - International Rectifier IRF3711 Datasheet HTML 7Page - International Rectifier IRF3711 Datasheet HTML 8Page - International Rectifier IRF3711 Datasheet HTML 9Page - International Rectifier IRF3711 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
IRF3711/3711S/3711L
25
50
75
100
125
150
0
200
400
600
800
1000
1200
1400
Starting T , Junction Temperature (C)
J
°
ID
TOP
BOTTOM
13A
19A
30A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn