Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16310GF-3L9 Datasheet(PDF) 7 Page - NEC

Part # UPD16310GF-3L9
Description  HIGH VOLTAGE CMOS DRIVER FOR PDP, EL, VFD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16310GF-3L9 Datasheet(HTML) 7 Page - NEC

Back Button UPD16310GF-3L9 Datasheet HTML 3Page - NEC UPD16310GF-3L9 Datasheet HTML 4Page - NEC UPD16310GF-3L9 Datasheet HTML 5Page - NEC UPD16310GF-3L9 Datasheet HTML 6Page - NEC UPD16310GF-3L9 Datasheet HTML 7Page - NEC UPD16310GF-3L9 Datasheet HTML 8Page - NEC UPD16310GF-3L9 Datasheet HTML 9Page - NEC UPD16310GF-3L9 Datasheet HTML 10Page - NEC UPD16310GF-3L9 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
µPD16310
7
AC CHARACTERISTICS (Ta = 25
°C, VDD1 = 5.0 V, VDD2 = 70 V, VSS1 = VSS2 = 0 V, Logic CL = 15 pF,
Driver CL = 50 pF)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Delay Time
tPHL1
50
ns
CLK
→ A/B
tPLH1
50
ns
tPHL2
160
ns
CLK
→ O1 - O40
tPLH2
160
ns
tPHL3
150
ns
STB
→ O1 - O40
tPLH3
150
ns
tPHL4
145
ns
BLK
→ O1 - O40
tPLH4
145
ns
tPHL5
140
ns
PC
→ O1 - O40
tPLH5
140
ns
Rise Time
tTLH
70
ns
O1 - O40
Fall Time
tTHL
70
ns
O1 - O40
Maximum Frequency
fmax.
20
30
MHz
Duty = 50 %, for CLK
Input Capacitance
CI
10
20
pF
AC TIMING REQUIREMENT (Ta = –40 to +85
°C, VDD1 = 4.5 to 5.5 V, VDD2 = 10 to 70 V
VSS1 = VSS2 = 0 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Clock Pulse Width
PWCLK
20
ns
Strobe Pulse Width
PWSTB
20
ns
Blank Pulse Width
PWBLK
200
ns
Polarity Change Pulse Width
PWPC
200
ns
Data Setup Time
tSETUP
10
ns
Data Hold Time
tHOLD
10
ns
Setup Time
tCLK-STB
50
ns
for CLK
↓ to STB ↑


Similar Part No. - UPD16310GF-3L9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16310GF-3L9 RENESAS-UPD16310GF-3L9 Datasheet
191Kb / 16P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD16310GF-3L9

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com