Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6GBP20 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S6GBP20
Description  6.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S6GBP20 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S6GBP20_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S6GBP20_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S6GBP20-C ~ S6GBP80-C
Voltage 200V ~ 800V
6.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
29-Jun-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - S6GBP20_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S6GBP20-C SECOS-S6GBP20-C Datasheet
213Kb / 2P
   6.0 Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S6GBP20_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S6JB80 SECOS-S6JB80_15 Datasheet
252Kb / 2P
   6.0 Amp Glass Passivited Bridge Rectifiers
S6JB80 SECOS-S6JB80 Datasheet
334Kb / 2P
   6.0 Amp Glass Passivited Bridge Rectifiers
S6GBP20-C SECOS-S6GBP20-C Datasheet
213Kb / 2P
   6.0 Amp Glass Passivited Bridge Rectifiers
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C Datasheet
226Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S3KBP20 SECOS-S3KBP20_15 Datasheet
330Kb / 2P
   3.0 Amp Glass Passivited Bridge Rectifiers
S10JB80 SECOS-S10JB80_15 Datasheet
248Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
S4GBL20-C SECOS-S4GBL20-C Datasheet
189Kb / 2P
   4.0 Amp Glass Passivited Bridge Rectifiers
S10KBJ20-C SECOS-S10KBJ20-C Datasheet
265Kb / 2P
   10.0 Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com