Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU3MV6L2130A Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDU3MV6L2130A
Description  3-Phase Metered PDU, 8.6 kW, 45 208V outlets (36 C13, 9 C19), 6 ft NEMA L21-30P input connection,TAA Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU3MV6L2130A Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDU3MV6L2130A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU3MV6L2130A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU3MV6L2130A Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-Phase Metered PDU, 8.6 kW, 45 208V outlets (36
C13, 9 C19), 6 ft NEMA L21-30P input connection,
TAA Compliant
MODEL NUMBER: PDU3MV6L2130A
Description
Tripp Lite 3 phase Metered PDU / Power Distribution Units offer real-time local reporting of current levels in amps
via set of 3 built-in digital meters. Enables visual monitoring of PDU current levels to preserve proper loading
balance and prevent circuit overloads as additional equipment is added. Offers reliable rackmount multi-outlet
power distribution from any protected UPS, generator or mains input power source. High quality design includes
rugged all-metal housing and secure rackmount installation with included mounting accessories.
Features
8.6kW 3 phase 208V Metered Power Distribution Unit / PDU
Set of 3 built-in current meters continuously report load current in amps for all 3 output phases
Attached NEMA L21-30P (3P+N+E) 208V 3 phase input plug with 6 ft. / 1.8m cord
0U, 70 in. / 178cm vertical form factor supports installation in 2 or 4 post equipment racks
45 total 208V outlets (36 C13, 9 C19) arranged in three breakered single phase output load banks
Included cord retention sleeves keep vital network equipment plugged in and continuously powered
Toolless mounting supported in button-mount compatible racks, plus nut-and-bolt mounting brackets for other mounting applications (set of 2 9mm
buttons pre-installed, 2 9mm and 4 6mm spare buttons included)
TAA Compliant
Specifications
OVERVIEW
Style
Vertical rackmount
PDU Type
Metered
Highlights
Metered 8.6kW 3 Phase 208V
PDU; 70 in. / 178cm 0U vertical
rackmount
Reports voltage, frequency and
load per-phase via set of 3 digital
current displays
NEMA L21-30P (3P+N+E) 208V
3 phase input, 6 ft. / 1.8m line
cord
45 208V outlets (36 C13, 9 C19)
with included plug-lock cord
retention sleeves
Toolless button-mount
installation, TAA Compliant
Applications
Ideal for 3 phase network
configurations in datacenters and
heavily configured equipment racks
Package Includes
Metered PDU with pre-installed
mounting buttons
Cord retention sleeves (36 C14,
9 C19)
Spare installation buttons (2 9mm
/ 4 6mm)
Rack mounting brackets
Owner's manual
1 / 3


Similar Part No. - PDU3MV6L2130A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3MV6L2130 TRIPPLITE-PDU3MV6L2130 Datasheet
550Kb / 3P
   8.6kW 3-Phase Metered PDU, 208-120V Outlets 36 C13, 6 C19, 6 5-15-20R, L21-30P, 6ft Cord, 0U Vertical
PDU3MV6L2130TAA TRIPPLITE-PDU3MV6L2130TAA Datasheet
550Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Metered PDU,208-120V Outlets (36 C13, 6 C19, 6 5-15-20R),L21-30P, 6ft Cord, 0U Vertical
More results

Similar Description - PDU3MV6L2130A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3MV6L2130TAA TRIPPLITE-PDU3MV6L2130TAA Datasheet
550Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Metered PDU,208-120V Outlets (36 C13, 6 C19, 6 5-15-20R),L21-30P, 6ft Cord, 0U Vertical
PDU3V6H50 TRIPPLITE-PDU3V6H50 Datasheet
198Kb / 3P
   12.6kW 208V 3-Phase Basic PDU - 45 Outlets (36 C13, 9 C19), Hubbell 50A CS8365C Input, 6 ft. Cord, 70 in. 0U, TAA
PDU3MV6H50 TRIPPLITE-PDU3MV6H50 Datasheet
505Kb / 3P
   TAA-Compliant 12.6kW 3-Phase Metered PDU, 208V Outlets (36 C13 and 9 C19) Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3VN10L153TAA TRIPPLITE-PDU3VN10L153TAA Datasheet
530Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), L15-30P, 10ft Cord,0U Vertical
PDU3MV6L2130 TRIPPLITE-PDU3MV6L2130 Datasheet
550Kb / 3P
   8.6kW 3-Phase Metered PDU, 208-120V Outlets 36 C13, 6 C19, 6 5-15-20R, L21-30P, 6ft Cord, 0U Vertical
PDU3MV6L2120 TRIPPLITE-PDU3MV6L2120 Datasheet
505Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 36 C13, 6 C19, 6 5-15-20R,L21-20P, 6ft Cord, 0U Vertical
PDU3MV6H50A TRIPPLITE-PDU3MV6H50A Datasheet
550Kb / 3P
   TAA-Compliant 14.4kW 3-Phase Metered PDU, 208V Outlets 36 C13, 6 C19, 3 L6-30R Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3VSR10L1530 TRIPPLITE-PDU3VSR10L1530 Datasheet
167Kb / 4P
   8.6 kW 3-Phase Switched PDU, 208V (21 C13 & 3 C19), L15-30P, 10ft Cord, 0U Vertical
logo
Schneider Electric
AP8868 SCHNEIDER-AP8868 Datasheet
61Kb / 2P
   Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19
logo
Tripp Lite. All Rights ...
PDU3VN10L1530 TRIPPLITE-PDU3VN10L1530 Datasheet
506Kb / 3P
   8.6kW 3-Phase Monitored PDU, 208V Outlets (30-C13 and 6-C19), L15-30P, 10ft Cord, 0U Vertical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com