Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3377 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK3377
Description  SWITCHING P-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3377 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3377_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3377
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14328EJ5V0DS00 (5th edition)
Date Published
February 2007 NS CP(K)
Printed in Japan
1999, 2000
DESCRIPTION
The 2SK3377 is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Low On-state Resistance
RDS(on)1 = 44 m
Ω MAX. (VGS = 10 V, ID = 10 A)
RDS(on)2 = 78 m
Ω MAX. (VGS = 4.0 V, ID = 10 A)
• Low Ciss: Ciss = 760 pF TYP.
• Built-in Gate Protection Diode
• TO-251/TO-252 package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±20
A
Drain Current (Pulse)
Note1
ID(pulse)
±50
A
Total Power Dissipation (TC = 25°C)
PT1
30
W
Total Power Dissipation (TA = 25°C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
15
A
Single Avalanche Energy
Note2
EAS
23
mJ
Notes 1. PW
≤ 10
μs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 30 V, RG = 25
Ω, VGS = 20 → 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3377
TO-251 (MP-3)
2SK3377-Z
TO-252 (MP-3Z)
(TO-251)
(TO-252)
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.


Similar Part No. - 2SK3377_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3377-Z NEC-2SK3377-Z Datasheet
42Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
SHENZHEN DOINGTER SEMIC...
2SK3377-Z DOINGTER-2SK3377-Z Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3377-Z ISC-2SK3377-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3377-Z RENESAS-2SK3377-Z Datasheet
271Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
VBsemi Electronics Co.,...
2SK3377-Z-E1-AZ VBSEMI-2SK3377-Z-E1-AZ Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SK3377_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com