Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3367 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK3367
Description  SWITCHING P-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3367 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3367_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3367
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14257EJ4V0DS00 (4th edition)
Date Published
August 2006 NS CP(K)
Printed in Japan
1999
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3367
TO-251 (MP-3)
2SK3367-Z
TO-252 (MP-3Z)
DESCRIPTION
The 2SK3367 is N-Channel MOS Field Effect Transistor designed for DC/DC converter application of notebook
computers.
FEATURES
• Low on-resistance
RDS(on)1 = 9.0 m
Ω MAX. (VGS = 10 V, ID = 18 A)
RDS(on)2 = 12.0 m
Ω MAX. (VGS = 4.5 V, ID = 18 A)
RDS(on)3 = 14.0 m
Ω MAX. (VGS = 4.0 V, ID = 18 A)
• Low Ciss : Ciss = 2800 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±36
A
Drain Current (Pulse)
Note
ID(pulse)
±144
A
Total Power Dissipation (TC = 25 °C)
PT
40
W
Total Power Dissipation (TA = 25 °C)
PT
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to + 150
°C
Note PW
≤ 10
μs, Duty cycle ≤ 1%
THERMAL RESISTANCE
Channel to case Thermal Resistance
Rth(ch-C)
3.13
°C/W
Channel to ambient Thermal Resistance
Rth(ch-A)
125
°C/W


Similar Part No. - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3367-Z NEC-2SK3367-Z Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3367-Z ISC-2SK3367-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3367-Z RENESAS-2SK3367-Z Datasheet
237Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com