Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3367 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SK3367
Description  SWITCHING P-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3367 Datasheet(HTML) 8 Page - Renesas Technology Corp

  2SK3367_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet D14257EJ4V0DS
6
2SK3367
PACKAGE DRAWINGS (Unit: mm)
1) TO-251 (MP-3)
1.Gate
2.Drain
3.Source
4.Fin (Drain)
2
13
6.5±0.2
5.0±0.2
4
2.3
2.3
0.5±0.1
2.3±0.2
1.1±0.2
0.5-0.1
+0.2
0.5-0.1
+0.2
<R>
2) TO-252 (MP-3Z)
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.2
0.5 ±0.1
Note
Note
0.15 ±0.15
2.3 ±0.3
2.3 ±0.3
1. Gate
2. Drain
3. Source
4. Fin (Drain)
Note The depth of notch at the top of the fin is from 0
to 0.2 mm.
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.


Similar Part No. - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3367-Z NEC-2SK3367-Z Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3367-Z ISC-2SK3367-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3367-Z RENESAS-2SK3367-Z Datasheet
237Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com