Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3367 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3367
Description  SWITCHING P-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3367 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SK3367_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3367_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet D14257EJ4V0DS
4
2SK3367
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
0.1
0.01
0.001
1
10
100
1000
1m
10m
100m
1
10
100
1000
100
Single Pulse
μ
μ
10
TC = 25˚C
Rth(ch-C) = 3.13 ˚C/W
Rth(ch-A) = 125 ˚C/W
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
VDS = 10 V
Pulsed
0.0001
0.1
1
0.01
0.001
0.01
1
0.1
0.001
10
1000
100
10
100
1000
0.0001
Tch =
−40˚C
−25˚C
25˚C
75˚C
125˚C
150˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
05
10
10
15
Pulsed
30
40
20
ID = 18 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
Pulsed
0
10 V
10
20
30
VGS = 4.0 V
4.5 V
1
10
1000
100
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
− 50
0
50
100
150
0
1
2
4
3


Similar Part No. - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3367-Z NEC-2SK3367-Z Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3367-Z ISC-2SK3367-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3367-Z RENESAS-2SK3367-Z Datasheet
237Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - 2SK3367_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com