Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU3MV6L2120 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDU3MV6L2120
Description  TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 36 C13, 6 C19, 6 5-15-20R,L21-20P, 6ft Cord, 0U Vertical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU3MV6L2120 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDU3MV6L2120 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU3MV6L2120 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU3MV6L2120 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDU Type
Metered
OUTPUT
Output Capacity Details
5.7kW total capacity; 9.2A (208V) / 16A (120V) max per output phase
Frequency Compatibility
60 Hz
Output Receptacles
(6) 5-15/20R; (36) C13; (6) C19
Output Nominal Voltage
208V: C13 and C19 outlets / 120V: NEMA 5-15/20R outlets
Overload Protection
n/a
Outlet Type
IEC-C13, IEC-C19, NEMA 5-15/20R
INPUT
PDU Input Voltage
208
Maximum Input Amps
16
PDU Plug Type
NEMA L21-20P
Input Cord Length (ft.)
6
Input Cord Length (m)
1.83
Input Phase
3-Phase
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Set of 3 digital current meters report input current per phase
Reported Load Segments
Supports monitoring of input current per phase (L1,L2,L3); Outlets are color-coded and labelled for easy phase and
load bank identification; L1-L2 feeds black C13/C19 outlets; L2-L3 feeds dark-gray C13/C19 outlets; L3-L1 feeds
light-gray C13/C19 outlets; L1-N feeds black 5-20R outlets; L2-N feeds dark-gray 5-20R outlets; L3-N feeds
light-gray 5-20R outlets
Switches
n/a
PHYSICAL
Shipping Dimensions (hwd / in.)
75.8 x 6.1 x 4.3
Shipping Dimensions (hwd / cm)
192.5 x 15.5 x 11
Shipping Weight (lbs.)
14.5
Shipping Weight (kg)
6.6
Unit Dimensions (hwd / in.)
70 x 2.65 x 1.71
Unit Dimensions (hwd / cm)
177.8 x 6.73 x 4.34
Unit Weight (lbs.)
12.6
Unit Weight (kg)
5.7
Material of Construction
Metal
Form Factors Supported
Vertical rackmount installation supported with included mounting brackets; supports toolless mounting in
button-mount compatible racks
2 / 3


Similar Part No. - PDU3MV6L2120

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3MV6L2120B TRIPPLITE-PDU3MV6L2120B Datasheet
499Kb / 3P
   5.7kW 3-Phase Metered PDU, 208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P, 6ft Cord, 0U Vertical, TAA
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
More results

Similar Description - PDU3MV6L2120

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3MV6L20BTAA TRIPPLITE-PDU3MV6L20BTAA Datasheet
531Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P,6ft Cord, 0U Vertical
PDU3MV6L2120B TRIPPLITE-PDU3MV6L2120B Datasheet
499Kb / 3P
   5.7kW 3-Phase Metered PDU, 208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P, 6ft Cord, 0U Vertical, TAA
PDU3MV6L2130TAA TRIPPLITE-PDU3MV6L2130TAA Datasheet
550Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Metered PDU,208-120V Outlets (36 C13, 6 C19, 6 5-15-20R),L21-30P, 6ft Cord, 0U Vertical
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
PDU3MV6L2130 TRIPPLITE-PDU3MV6L2130 Datasheet
550Kb / 3P
   8.6kW 3-Phase Metered PDU, 208-120V Outlets 36 C13, 6 C19, 6 5-15-20R, L21-30P, 6ft Cord, 0U Vertical
PDU3VN10L2120 TRIPPLITE-PDU3VN10L2120 Datasheet
507Kb / 3P
   5.7kW 3-Phase Monitored PDU, 208V Outlets (30-C13 and 6-C19), L21-20P, 10ft Cord, 0U Vertical
PDU3VN10L152TAA TRIPPLITE-PDU3VN10L152TAA Datasheet
525Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), L15-20P, 10ft Cord,0U Vertical
PDU3MV6H50A TRIPPLITE-PDU3MV6H50A Datasheet
550Kb / 3P
   TAA-Compliant 14.4kW 3-Phase Metered PDU, 208V Outlets 36 C13, 6 C19, 3 L6-30R Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3MV6H50 TRIPPLITE-PDU3MV6H50 Datasheet
505Kb / 3P
   TAA-Compliant 12.6kW 3-Phase Metered PDU, 208V Outlets (36 C13 and 9 C19) Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3VSR6L1530 TRIPPLITE-PDU3VSR6L1530 Datasheet
166Kb / 4P
   10kW 3-Phase Switched PDU, 200/208/240V Outlets (24-C13, 6-C19), L15-30P, 6ft Cord, 0U Vertical, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com