Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNIVSINT1500XL Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # OMNIVSINT1500XL
Description  OmniVS 230V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port, C13 Outlets
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIVSINT1500XL Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  OMNIVSINT1500XL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIVSINT1500XL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIVSINT1500XL Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIVSINT1500XL Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNIVSINT1500XL Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UPS Certifications
Tested to UL1778 (USA); CE; Tested to GOST (Russia); Tested to SASO (Saudi Arabia); Tested to IRAM
(Argentina)
UPS Certification Details
CE 62040
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5


Similar Part No. - OMNIVSINT1500XL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVSINT1000 TRIPPLITE-OMNIVSINT1000 Datasheet
491Kb / 4P
   OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets
More results

Similar Description - OMNIVSINT1500XL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIX1500XLTAA TRIPPLITE-OMNIX1500XLTAA Datasheet
490Kb / 5P
   TAA-Compliant OmniVS 230V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port, C13 Outlets
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
OMNIVS1500XLTAA TRIPPLITE-OMNIVS1500XLTAA Datasheet
498Kb / 5P
   TAA-Compliant OmniVS 120V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
OMNIVSINT1000 TRIPPLITE-OMNIVSINT1000 Datasheet
491Kb / 4P
   OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets
OMNIVSINT800 TRIPPLITE-OMNIVSINT800_15 Datasheet
491Kb / 4P
   OmniVS 230V 800VA 475W Line-Interactive UPS,USB port, C13 Outlets
logo
List of Unclassifed Man...
OMNIVS1500XL ETC2-OMNIVS1500XL Datasheet
501Kb / 6P
   OmniVS Series 1500VA Tower Line-Interactive 120V UPS with USB port and Extended-run options
OMNIVS1500 ETC2-OMNIVS1500 Datasheet
512Kb / 6P
   OmniVS Series 1500VA Line-Interactive Tower 120V UPS with USB port
OMNIVSINT800 ETC2-OMNIVSINT800 Datasheet
495Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 230V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1500XLCD TRIPPLITE-OMNIVS1500XLCD Datasheet
176Kb / 5P
   1440VA 940W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com