Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3808 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRF3808
Description  Integrated Starter Alternator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3808 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRF3808 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 25
C
J
°

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
1000
0.1
1
10
100

20µs PULSE WIDTH
T = 175
C
J
°

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature
( C)
J
°


V
=
I
=
GS
D
10V
137A
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
VGS, Gate-to-Source Voltage (V)
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH
IRF3808
2014-8-10
3
www.kersemi.com


Similar Part No. - IRF3808

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
logo
Inchange Semiconductor ...
IRF3808 ISC-IRF3808 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3808L IRF-IRF3808L Datasheet
162Kb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF3808L ISC-IRF3808L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3808LPBF IRF-IRF3808LPBF Datasheet
264Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF3808

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFP2907 KERSEMI-IRFP2907 Datasheet
826Kb / 9P
   Integrated Starter Alternator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-C17LXZ27S SANKEN-SG-C17LXZ27S Datasheet
338Kb / 14P
   Automotive Alternator Diode
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-17NNJ23S SANKEN-SG-17NNJ23S Datasheet
268Kb / 8P
   Automotive Alternator Diode
logo
Unisonic Technologies
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-C17VLZ40 SANKEN-SG-C17VLZ40 Datasheet
269Kb / 8P
   Automotive Alternator Diode
logo
Motorola, Inc
MCCF33095 MOTOROLA-MCCF33095 Datasheet
165Kb / 12P
   INTEGRAL ALTERNATOR REGULATOR
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
   CAR ALTERNATOR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com