Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNIVS1500 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # OMNIVS1500
Description  OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIVS1500 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  OMNIVS1500_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIVS1500_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIVS1500_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIVS1500_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNIVS1500_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OmniVS 120V 1500VA 940W Line-Interactive UPS,
Tower, USB port
MODEL NUMBER: OMNIVS1500
Description
Tripp Lite's OMNIVS1500 line interactive UPS system offers voltage regulation, surge suppression and battery
support for personal computers, internetworking equipment and other sensitive electronics. Internal UPS batteries support entry level PC systems for up to 75
minutes during power failures so that connected equipment can be shut down without data loss. Automatic Voltage Regulation (AVR) circuits regulate
brownouts as low as 75 and overvoltages up to 147 volts back to usable 120V levels without using battery power. Offers complete desktop power protection in
an attractive black tower configuration. Includes 5 battery supported outlets for computer, monitor and vital system peripherals, plus 3 additional surge
suppression only outlets for printers and other system accessories not requiring battery support. USB port enables optional unattended system shutdown
without data loss in the case of extended power failure (USB cable included). PowerAlert software available via free download. HID-compliant USB port also
enables integration with built-in power management and auto shutdown features of Windows and Mac OS X. Built-in data line suppression offers protection for
equipment with single line TEL/DSL or network Ethernet connection. Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery power,
battery low/replace, voltage regulation and overload. 1500VA power handling ability supports entry-level PCs, network workstations, point-of-sale equipment,
small business phone systems, audio/video equipment and home theater systems. Offers 4 minutes battery runtime with a full load of 1500VA and 8.5 minutes
with a half load of 750VA. Supports hot-swappable battery replacement via built-in access panel.
Features
OMNIVS1500 Uninterruptible Power Supply offers voltage regulation, surge suppression and long lasting battery support
Supports entry level PCs up to 75 minutes during blackouts to enable shutdown without data loss
Regulates brownouts as low as 75V and overvoltages to 147V back to usable 120V nominal levels without using battery power
5 UPS battery supported outlets, plus 3 additional surge suppression only outlets
USB port and cable enables UPS monitoring and unattended shutdown in the case of extended power failure
PowerAlert software available via free download from www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Data line surge suppression protects standard dialup/DSL or ethernet line connection
Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery power, battery low/replace, voltage regulation and overload
1500VA power handling ability supports a variety of sensitive electronic equipment
4 minutes full load runtime (1500VA), 8.5 minutes half load runtime (750VA)
Supports hot swappable battery replacement via built-in access panel
Highlights
1500VA / 1.5kVA tower 120V
line-interactive UPS
Corrects brownouts and
overvoltages from 75 to 147V
5 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/Ethernet
protection, 97% line mode
efficiency
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
OMNIVS1500 Line-Interactive
UPS
USB and telephone cable
Owner's manual with warranty
information
1 / 5


Similar Part No. - OMNIVS1500_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVS1500LCD TRIPPLITE-OMNIVS1500LCD Datasheet
175Kb / 5P
   1440VA 900W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, 120V, 50/60 Hz, USB, Serial, LCD, Tower
logo
List of Unclassifed Man...
OMNIVS1500XL ETC2-OMNIVS1500XL Datasheet
501Kb / 6P
   OmniVS Series 1500VA Tower Line-Interactive 120V UPS with USB port and Extended-run options
logo
Tripp Lite. All Rights ...
OMNIVS1500XLCD TRIPPLITE-OMNIVS1500XLCD Datasheet
176Kb / 5P
   1440VA 940W Line-Interactive UPS - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
OMNIVS1500XLTAA TRIPPLITE-OMNIVS1500XLTAA Datasheet
498Kb / 5P
   TAA-Compliant OmniVS 120V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
More results

Similar Description - OMNIVS1500_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
OMNIVS1500XLTAA TRIPPLITE-OMNIVS1500XLTAA Datasheet
498Kb / 5P
   TAA-Compliant OmniVS 120V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port
logo
List of Unclassifed Man...
OMNIVS1500 ETC2-OMNIVS1500 Datasheet
512Kb / 6P
   OmniVS Series 1500VA Line-Interactive Tower 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVSINT1500XL TRIPPLITE-OMNIVSINT1500XL Datasheet
490Kb / 5P
   OmniVS 230V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port, C13 Outlets
OMNIX1500XLTAA TRIPPLITE-OMNIX1500XLTAA Datasheet
490Kb / 5P
   TAA-Compliant OmniVS 230V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port, C13 Outlets
OMNISMART1400 TRIPPLITE-OMNISMART1400_15 Datasheet
489Kb / 5P
   OmniSmart 120V 1400VA 940W Line-Interactive UPS, Tower, USB port
OMNIVS800 TRIPPLITE-OMNIVS800_15 Datasheet
495Kb / 5P
   OmniVS 120V 800VA 475W Line-Interactive UPS,Tower, USB port
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
logo
List of Unclassifed Man...
OMNIVS1500XL ETC2-OMNIVS1500XL Datasheet
501Kb / 6P
   OmniVS Series 1500VA Tower Line-Interactive 120V UPS with USB port and Extended-run options
OMNIVS800 ETC2-OMNIVS800 Datasheet
497Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com