Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNISMART350HG Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # OMNISMART350HG
Description  OmniSmart 120V 330VA 225W UL 60601-1 Medical Grade Line-Interactive UPS, Tower, DB9 Serial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNISMART350HG Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  OMNISMART350HG_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNISMART350HG_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNISMART350HG_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNISMART350HG_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 89
Undervoltage Correction
Input voltages between 89 and 107 are boosted by 14%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
LED Indicators
4 LEDs indicate line power, battery power, overload and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
2 line TEL/DSL
EMI / RFI AC Noise Suppression
Yes
ISOLATION
Output Isolation Transformer
Hospital grade load isolation transformer
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.8 x 5.2 x 7.2
UPS Power Module Dimensions
(hwd, cm)
27.3 x 13.3 x 18.4
UPS Power Module Weight (lbs.)
25
UPS Power Module Weight (kg)
11.4
UPS Shipping Dimensions (hwd / in.)
14 x 8.5 x 11
UPS Shipping Dimensions (hwd /
cm)
35.6 x 21.6 x 27.9
Shipping Weight (lbs.)
28
Shipping Weight (kg)
12.7
UPS Housing Material
PVC
3 / 4


Similar Part No. - OMNISMART350HG_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART350HG ETC2-OMNISMART350HG Datasheet
488Kb / 6P
   OmniSmart 330VA Medical Grade Tower Line-Interactive 120V UPS with Serial port
logo
Tumbler Technologies + ...
OMNISMART350HG TRUMPOWER-OMNISMART350HG Datasheet
477Kb / 4P
   OmniSmart 330VA Medical Grade Tower
More results

Similar Description - OMNISMART350HG_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART350HG ETC2-OMNISMART350HG Datasheet
488Kb / 6P
   OmniSmart 330VA Medical Grade Tower Line-Interactive 120V UPS with Serial port
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
OMNISMART700 TRIPPLITE-OMNISMART700_15 Datasheet
497Kb / 5P
   OmniSmart 120V 700VA 450W Line-Interactive UPS,Tower USB port, DB9 Serial
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
   OmniSmart 700VA Tower Line-Interactive 120V UPS
OMNI1500LCDT TRUMPOWER-OMNI1500LCDT Datasheet
545Kb / 5P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
OMNISMART350HG TRUMPOWER-OMNISMART350HG Datasheet
477Kb / 4P
   OmniSmart 330VA Medical Grade Tower
logo
Tripp Lite. All Rights ...
OMNIX350HG TRIPPLITE-OMNIX350HG Datasheet
489Kb / 4P
   OmniSmart 230V 350VA 225W CE-IEC 60601-1 Medical Grade Line-Interactive UPS with Built-In Isolation Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com