Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI500ISO Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # OMNI500ISO
Description  OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, Built-In Isolation Transformer, USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNI500ISO Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  OMNI500ISO_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNI500ISO_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNI500ISO_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNI500ISO_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNI500ISO_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 83
Undervoltage Correction
Input voltages between 83 and 107 are boosted by 14%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
LED Indicators
4 LEDs indicate line power, battery power, overload and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
680
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
ISOLATION
Output Isolation Transformer
Professional grade load isolation transformer
Surge Voltage Withstand Capability
ANSI/IEEE C62.41 Categories A & B 6KV/200/500 amp 100Khz Ringwave and category B BiWave
Surge Voltage Attenuation
N-G 2000:1, L-G 240:1, L-N 100:1
Insertion Loss
65 db N-G from 10Khz to 100Khz, 45 to 60 db L-G from 10Khz to 100Khz, 18 to 54 db L-N from 50Khz to 500 Khz
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.8 x 5.2 x 7.5
UPS Power Module Dimensions
(hwd, cm)
27.3 x 13.3 x 19
UPS Power Module Weight (lbs.)
21.8
UPS Power Module Weight (kg)
9.9
UPS Shipping Dimensions (hwd / in.)
14 x 8.5 x 11
UPS Shipping Dimensions (hwd /
cm)
35.6 x 21.6 x 27.9
Shipping Weight (lbs.)
27
3 / 5


Similar Part No. - OMNI500ISO_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI500ISO ETC2-OMNI500ISO Datasheet
499Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
More results

Similar Description - OMNI500ISO_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART500 TRIPPLITE-OMNISMART500_15 Datasheet
499Kb / 5P
   OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, USB port
logo
List of Unclassifed Man...
OMNI500ISO ETC2-OMNI500ISO Datasheet
499Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
OMNI1000ISO TRIPPLITE-OMNI1000ISO_15 Datasheet
498Kb / 5P
   OmniSmart 120V 1000VA 700W Line-Interactive UPS, Tower, Built-In Isolation Transformer, USB port
OMNI750ISO TRIPPLITE-OMNI750ISO_15 Datasheet
498Kb / 5P
   OmniSmart 120V 750VA 500W Line-Interactive UPS,Tower, Built-In Isolation Transformer, USB port
logo
List of Unclassifed Man...
OMNI750ISO ETC2-OMNI750ISO Datasheet
501Kb / 6P
   OmniSmart 750VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI1000ISO ETC2-OMNI1000ISO Datasheet
502Kb / 6P
   OmniSmart 1000VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
   OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com