Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1704 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF1704
Description  Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1704 Datasheet(HTML) 2 Page - International Rectifier

  IRF1704 Datasheet HTML 1Page - International Rectifier IRF1704 Datasheet HTML 2Page - International Rectifier IRF1704 Datasheet HTML 3Page - International Rectifier IRF1704 Datasheet HTML 4Page - International Rectifier IRF1704 Datasheet HTML 5Page - International Rectifier IRF1704 Datasheet HTML 6Page - International Rectifier IRF1704 Datasheet HTML 7Page - International Rectifier IRF1704 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF1704
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.036 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.004
VGS = 10V, ID = 100A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
110
–––
–––
SVDS = 25V, ID = 100A
–––
–––
20
µA
VDS = 40V, VGS = 0V
–––
–––
250
VDS = 32V, VGS = 0V, TJ = 175°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
Qg
Total Gate Charge
–––
170
260
ID = 100A
Qgs
Gate-to-Source Charge
–––
42
63
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
39
59
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 20V
tr
Rise Time
–––
120
–––
ID = 100A
td(off)
Turn-Off Delay Time
–––
73
–––
RG = 2.5Ω
tf
Fall Time
–––
37
–––
VGS = 10V,See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
6950 –––
VGS = 0V
Coss
Output Capacitance
–––
1660 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
200
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
6250 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
1470 –––
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
2320 –––
VGS = 0V, VDS = 0V to 32V
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
ƒ ISD ≤ 100A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 200°C
Notes:
‚ Starting TJ = 25°C, L = 0.13mH, VGS = 10V
RG = 25Ω, IAS = 100A. (See Figure 12)
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 100A, VGS = 0V
„
trr
Reverse Recovery Time
–––
73
110
ns
TJ = 25°C, IF = 100A
Qrr
Reverse RecoveryCharge
–––
200
300
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
170
†
680
A
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A
‡ At the point of termination of the leads at the PCB, the temp.
should be limited to 175°C. The device case temperature is
allowed to be higher


Similar Part No. - IRF1704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1730G IRF-IRF1730G Datasheet
171Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A)
IRF1740G IRF-IRF1740G Datasheet
174Kb / 6P
   HEXFET® Power MOSFET
More results

Similar Description - IRF1704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
IRFPS3810 IRF-IRFPS3810 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFBA1404P IRF-IRFBA1404P Datasheet
115Kb / 9P
   Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF7471 IRF-IRF7471 Datasheet
214Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com