Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR120N Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRLR120N
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR120N Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRLR120N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
200
400
600
800
1
1 0
100
DS
V
, D rain-to -S ourc e V oltage (V )
A
V
= 0 V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
gd
ds
rss
g d
o ss
ds
g d
C iss
C oss
C rss
0
3
6
9
12
15
0
5
10
15
20
25
Q
, Tota l G ate C h arg e (n C )
G
V
= 8 0 V
V
= 5 0 V
V
= 2 0 V
A
F O R TE ST C IRCUIT
SE E F IG U RE 1 3
I
= 6 .0 A
D
DS
DS
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 25°C
J
V
= 0 V
GS
V
, S o urc e-to -D rain V o lta ge (V )
SD
A
T = 175°C
J
0.1
1
10
100
1
10
100
1000
V
, D ra in-to-S o urc e V o lta ge (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µ s
1m s
10 m s
A
T
= 2 5 °C
T
= 175°C
Sin g le Pu ls e
C
J
IRLR/U120N
2014-8-24
4
www.kersemi.com


Similar Part No. - IRLR120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR120N IRF-IRLR120N Datasheet
173Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
logo
Inchange Semiconductor ...
IRLR120N ISC-IRLR120N Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLR120NLPBF VISHAY-IRLR120NLPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
International Rectifier
IRLR120NPBF IRF-IRLR120NPBF Datasheet
298Kb / 11P
   HEXFET짰 Power MOSFET
IRLR120NPBF IRF-IRLR120NPBF Datasheet
275Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRLR120N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com