Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ48NS Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRFZ48NS
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFZ48NS Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRFZ48NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFZ48NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFZ48NS/IRFZ48NL
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.058 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
14
m
VGS = 10V, ID = 32A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
24
–––
–––
SVDS = 25V, ID = 32A
„
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
81
ID = 32A
Qgs
Gate-to-Source Charge
–––
–––
19
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
30
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 28V
tr
Rise Time
–––
78
–––
ID = 32A
td(off)
Turn-Off Delay Time
–––
34
–––
RG = 0.85Ω
tf
Fall Time
–––
50
–––
VGS = 10V, See Fig. 10
„
nH
Between lead,
and center of die contact
Ciss
Input Capacitance
–––
1970 –––
VGS = 0V
Coss
Output Capacitance
–––
470
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
120
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
–––
700
… 190† mJ
IAS = 32A, L = 0.37mH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LS
Internal Source Inductance
–––
7.5
–––
IGSS
ns
IDSS
Drain-to-Source Leakage Current
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 32A, VGS = 0V
„
trr
Reverse Recovery Time
–––
68
100
ns
TJ = 25°C, IF = 32A
Qrr
Reverse Recovery Charge
–––
220
330
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
64
210
A
‚ Starting T
J = 25°C, L = 0.37mH
RG = 25Ω, IAS = 32A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 32A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is the destructive value not limited to the thermal limit.
† This is the thermal limited value.
Notes:
2014-8-10
2
www.kersemi.com


Similar Part No. - IRFZ48NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ48NS IRF-IRFZ48NS Datasheet
134Kb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRFZ48NS ISC-IRFZ48NS Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ48NSPBF IRF-IRFZ48NSPBF Datasheet
297Kb / 10P
   HEXFET Power MOSFET
IRFZ48NSPBF IRF-IRFZ48NSPBF Datasheet
306Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRFZ48NSPBF VBSEMI-IRFZ48NSPBF Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - IRFZ48NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com