Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU4105Z Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRFU4105Z
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFU4105Z Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRFU4105Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRFU4105Z Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.090)
1.14 (.045)
0.76 (.030)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE TO-252AA.
4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP,
SOLDER DIP MAX. +0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.28 (.090)
1.91 (.075)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023)
0.46 (.018)
WEEK = 16
DATE CODE
YEAR = 0
Notes: This part marking information applies to devices produced before 02/26/2001
EXAMPLE:
LOT CODE 9U1P
THIS IS AN IRFR120
WITH ASSEMBLY
ASSEMBLY
INTERNATIONAL
RECTIFIER
LOGO
LOT CODE
IRFU120
9U
1P
016
INTERNATIONAL
LOGO
RECTIFIER
LOT CODE
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
YEAR 9 = 1999
DATE CODE
LINE A
WEEK 19
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
Notes: This part marking information applies to devices produced after 02/26/2001
56
IRFU120
919A
78
IRFR/U4105Z
2014-8-15
10
www.kersemi.com


Similar Part No. - IRFU4105Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU4105Z IRF-IRFU4105Z Datasheet
206Kb / 11P
   Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A)
logo
Inchange Semiconductor ...
IRFU4105Z ISC-IRFU4105Z Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU4105ZPBF IRF-IRFU4105ZPBF Datasheet
267Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFU4105ZPBF KERSEMI-IRFU4105ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFU4105ZPBF KERSEMI-IRFU4105ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRFU4105Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com