Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1G Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # UF1G
Description  1.0A Surface Mount Ultra-Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF1G Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  UF1G Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF1G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
30
25
20
15
10
5.0
0.2
0.6
1.0
1.4
1.8
2.0
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0.01
0.1
1
20
10
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
UF1A-UF1D
UF1G
UF1J-UF1M
2of2


Similar Part No. - UF1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1G PANJIT-UF1G Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF1G CHONGQING-UF1G Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
logo
Microdiode Electronics ...
UF1G CHENDA-UF1G Datasheet
535Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Surge Components
UF1G SURGE-UF1G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
CHENG-YI ELECTRONIC CO....
UF1G CHENG-YI-UF1G Datasheet
125Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF1G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
   1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1NWF DIODES-US1NWF Datasheet
437Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com