Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB-E3 Datasheet(PDF) 9 Page - NEC

Part # UPC8172TB-E3
Description  SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8172TB-E3 Datasheet(HTML) 9 Page - NEC

  UPC8172TB-E3 Datasheet HTML 1Page - NEC UPC8172TB-E3 Datasheet HTML 2Page - NEC UPC8172TB-E3 Datasheet HTML 3Page - NEC UPC8172TB-E3 Datasheet HTML 4Page - NEC UPC8172TB-E3 Datasheet HTML 5Page - NEC UPC8172TB-E3 Datasheet HTML 6Page - NEC UPC8172TB-E3 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 7 page
background image
Preliminary Data Sheet P14729EJ1V0DS00
9
µµµµPC8172TB
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electrostatic sensitive devices.
(2) Form a ground pattern as wide as possible to keep the minimum ground impedance (to prevent undesired os-
cillation).
(3) Connect a bypass capacitor (example: 1 000 pF) to the VCC pin.
(4) Connect a matching circuit to the RF output pin.
(5) The DC cut capacitor must be each attached to the input and output pins.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions. For soldering methods and condi-
tions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235
°C or below
Time: 30 seconds or less (at 210
°C)
Count: 3, Exposure limit: None
Note
IR35-00-3
VPS
Package peak temperature: 215
°C or below
Time: 40 seconds or less (at 200
°C)
Count: 3, Exposure limit: None
Note
VP15-00-3
Wave Soldering
Soldering bath temperature: 260
°C or below
Time: 10 seconds or less
Count: 1, Exposure limit: None
Note
WS60-00-1
Partial Heating
Pin temperature: 300
°C
Time: 3 seconds or less (per side of device)
Exposure limit: None
Note
Note After opening the dry pack, keep it in a place below 25
°C and 65% RH for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).


Similar Part No. - UPC8172TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8172TB-E3 RENESAS-UPC8172TB-E3 Datasheet
308Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
California Eastern Labs
UPC8172TB-E3-A CEL-UPC8172TB-E3-A Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
More results

Similar Description - UPC8172TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8187TB NEC-UPC8187TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
NEC
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com