Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB051M-2Y Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RB051M-2Y
Description  3.0A Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RB051M-2Y Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RB051M-2Y Datasheet HTML 1Page - SUNMATE electronic Co., LTD RB051M-2Y Datasheet HTML 2Page - SUNMATE electronic Co., LTD RB051M-2Y Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Io
A
Symbol
Unit
Features
@ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
K
L
M
C
H
B
A
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
α
0
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Case: Molded Plastic
High reliability
Ultra Low V
Small power mold type.(PMDU)
F
VRM
V
VR
V
IFSM
A
Tj
C
Tstg
C
Parameter
Limits
Reverse voltage (repetitive)
20
Reverse voltage (DC)
20
Average rectified forward current(*1)
3
Storage temperature
-40 to +125
(*1)Mounting on alumina board. Tc=95
C Max.
Forward current surge peak (60Hz・1cyc)
30
Junction temperature
125
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.46
V
IF=3A
Reverse current
IR
-
-
0.9
mA
VR=20V
Parameter
Conditions
RB051M-2Y
3.0A Surface Mount Schottky Barrier Diode
1of3


Similar Part No. - RB051M-2Y

ManufacturerPart #DatasheetDescription
logo
Rohm
RB051M-2Y ROHM-RB051M-2Y Datasheet
336Kb / 4P
   Schottky Barrier Diode
RB051M-2Y ROHM-RB051M-2Y Datasheet
268Kb / 4P
   Schottky Barrier Diode
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
logo
Rohm
RB051M-2YTR ROHM-RB051M-2YTR Datasheet
169Kb / 4P
   Schottky Barrier Diode
RB051M-2Y ROHM-RB051M-2Y_11 Datasheet
268Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB051M-2Y

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
   3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR32BF ZSELEC-SR32BF Datasheet
136Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com