Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1310S Datasheet(PDF) 7 Page - International Rectifier

Part # IRF1310S
Description  Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=41A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1310S Datasheet(HTML) 7 Page - International Rectifier

  IRF1310S Datasheet HTML 1Page - International Rectifier IRF1310S Datasheet HTML 2Page - International Rectifier IRF1310S Datasheet HTML 3Page - International Rectifier IRF1310S Datasheet HTML 4Page - International Rectifier IRF1310S Datasheet HTML 5Page - International Rectifier IRF1310S Datasheet HTML 6Page - International Rectifier IRF1310S Datasheet HTML 7Page - International Rectifier IRF1310S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF1310S
Package Outline
SMD-220 Outline
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRF1310S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Inchange Semiconductor ...
IRF1310N ISC-IRF1310N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NL IRF-IRF1310NL Datasheet
156Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Kersemi Electronic Co.,...
IRF1310NL KERSEMI-IRF1310NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF1310NL ISC-IRF1310NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRF1310S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRFIZ34N IRF-IRFIZ34N Datasheet
105Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com